Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-K-C-26-8-W-25-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AT-K-C-26-8-W-25-R
Description  NON-UL 26AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AT-K-C-26-8-W-25-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AT-K-C-26-8-W-25-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.21.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AT-K-C-26-8-W/25-R
NON-UL 26AWG (0.16/7)*8C, O.D.: 2.4*8.8MM,
Pre-Cut, 25 Ft., White
Complaint
RoHS
rev00
168.0 Inches - 193.2 Inches
4,267.2MM - 4,907.28MM
78.0 Inches
1,905.0MM
Material:
• Conductor(X4C): 26AWG (0.12X12) Bare Copper
• Insulation(X43): PP6331 ID 0.95-1.0
• Jacket: PVC NOUL 80P
• Package: Individual PE Bag
Electrical:
• Voltage rating: 30V (DC)


Similar Part No. - AT-K-C-26-8-W-25-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-K-C-26-8-W-10-R ASSMANN-AT-K-C-26-8-W-10-R Datasheet
273Kb / 1P
   NON-UL 26AWG
AT-K-C-26-8-W-14-R ASSMANN-AT-K-C-26-8-W-14-R Datasheet
186Kb / 1P
   NON-UL 26AWG
AT-K-C-26-8-W-5-R ASSMANN-AT-K-C-26-8-W-5-R Datasheet
198Kb / 1P
   NON-UL 26AWG (0.16/7)*8C
AT-K-C-26-8-W-7-R ASSMANN-AT-K-C-26-8-W-7-R Datasheet
186Kb / 1P
   NON-UL 26AWG (0.16/7)*8C
More results

Similar Description - AT-K-C-26-8-W-25-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-K-C-26-8-W-10-R ASSMANN-AT-K-C-26-8-W-10-R Datasheet
273Kb / 1P
   NON-UL 26AWG
AT-K-C-26-8-W-14-R ASSMANN-AT-K-C-26-8-W-14-R Datasheet
186Kb / 1P
   NON-UL 26AWG
AT-C-26-4-4-S-10-OE-R ASSMANN-AT-C-26-4-4-S-10-OE-R Datasheet
331Kb / 1P
   NON-UL 26AWG 0.16/7
AT-K-C-26-6-S-10-R ASSMANN-AT-K-C-26-6-S-10-R Datasheet
268Kb / 1P
   NON-UL 26AWG (0.16/7)
AT-C-26-4-4-S-12-OE-R ASSMANN-AT-C-26-4-4-S-12-OE-R Datasheet
330Kb / 1P
   NON-UL 26AWG (0.16/7)
AT-C-26-4-4-W-10-OE-R ASSMANN-AT-C-26-4-4-W-10-OE-R Datasheet
330Kb / 1P
   NON-UL 26AWG (0.16/7)
AT-C-26-6-6-B-10-OE-R ASSMANN-AT-C-26-6-6-B-10-OE-R Datasheet
340Kb / 1P
   NON-UL 26AWG (0.16/7)
AT-K-C-26-6-W-10-R ASSMANN-AT-K-C-26-6-W-10-R Datasheet
266Kb / 1P
   NON-UL 26AWG(0.16/7)
AT-K-C-26-8-S-10-R ASSMANN-AT-K-C-26-8-S-10-R Datasheet
274Kb / 1P
   NON-UL 26AWG (0.16/7)
AT-K-C-26-6-B-10-R ASSMANN-AT-K-C-26-6-B-10-R Datasheet
268Kb / 1P
   NON-UL 26AWG(0.16/7)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com