Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-K-26-10-W-500-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AT-K-26-10-W-500-R
Description  Modular Straight cable - Raw
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AT-K-26-10-W-500-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AT-K-26-10-W-500-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AT-K-26-10-W/500-R
Modular Straight cable - Raw,
10 Contact, 26AWG, White, 500Ft.
Complaint
RoHS
rev00
Unit: MM
A
A
Conductor: [26AWG (0.16x7) Bare Copper]x10C
Insulation: (PP6331 ID: 0.95±0.03)x10C
Jacket: PVC NOUL 65P
2.4±0.2
Sec: A - A
500 Ft.
Grey
White
Orange
Black
Red
Green
Yellow
Blue
Brown
Pink
ø240
500Ft/R. “PE” Foam Wrapped
Grey
Pink
Plastic
Paper
ø60
Inner: 125
3


Similar Part No. - AT-K-26-10-W-500-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-K-26-10-W-100-R ASSMANN-AT-K-26-10-W-100-R Datasheet
56Kb / 1P
   Modular Straight cable - Raw
AT-K-26-10-W-1000 ASSMANN-AT-K-26-10-W-1000 Datasheet
79Kb / 1P
   Modular Straight cable - Raw
More results

Similar Description - AT-K-26-10-W-500-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-K-26-4-S-100-R ASSMANN-AT-K-26-4-S-100-R Datasheet
49Kb / 1P
   Modular Straight cable - Raw,
AT-K-26-4-S-1000-R ASSMANN-AT-K-26-4-S-1000-R Datasheet
70Kb / 1P
   Modular Straight cable - Raw,
AT-K-26-10-S-100-R ASSMANN-AT-K-26-10-S-100-R Datasheet
56Kb / 1P
   Modular Straight cable - Raw
AT-K-26-6-S-1000 ASSMANN-AT-K-26-6-S-1000 Datasheet
73Kb / 1P
   Modular Straight cable - Raw
AT-K-26-8-B-1000 ASSMANN-AT-K-26-8-B-1000 Datasheet
73Kb / 1P
   Modular Straight cable - Raw
AT-K-26-10-W-1000 ASSMANN-AT-K-26-10-W-1000 Datasheet
79Kb / 1P
   Modular Straight cable - Raw
AT-K-26-4-W-100-R ASSMANN-AT-K-26-4-W-100-R Datasheet
49Kb / 1P
   Modular Straight cable - Raw,
AT-K-26-4-B-100-R ASSMANN-AT-K-26-4-B-100-R Datasheet
49Kb / 1P
   Modular Straight cable - Raw,
AT-K-26-10-B-100-R ASSMANN-AT-K-26-10-B-100-R Datasheet
56Kb / 1P
   Modular Straight cable - Raw
AT-K-26-8-S-100 ASSMANN-AT-K-26-8-S-100 Datasheet
51Kb / 1P
   Modular Straight cable - Raw
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com