Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6532CCRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6532CCRZ
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6532CCRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6532CCRZ Datasheet HTML 5Page - Intersil Corporation ISL6532CCRZ Datasheet HTML 6Page - Intersil Corporation ISL6532CCRZ Datasheet HTML 7Page - Intersil Corporation ISL6532CCRZ Datasheet HTML 8Page - Intersil Corporation ISL6532CCRZ Datasheet HTML 9Page - Intersil Corporation ISL6532CCRZ Datasheet HTML 10Page - Intersil Corporation ISL6532CCRZ Datasheet HTML 11Page - Intersil Corporation ISL6532CCRZ Datasheet HTML 12Page - Intersil Corporation ISL6532CCRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Figure 1 shows the soft start sequence for a typical cold
start. Due to the soft start capacitance, CSS, on the
VREF_IN pin, the S5 to S0 transition profile of the VTT rail
will have a more rounded features at the start and end of the
soft start whereas the VDDQ profile has distinct starting and
ending points to the ramp up.
By directly monitoring 12VATX and the SLP_S3 and SLP_S5
signals the ISL6532C can achieve PGOOD status
significantly faster than other devices that depend on
Latched_Backfeed_Cut for timing.
Active to Sleep (S0 to S3 Transition)
When SLP_S3 goes LOW with SLP_S5 still HIGH, the
ISL6532C will disable the VTT linear regulator and the AGP
LDO controller. The VDDQ standby regulator will be enabled
and the VDDQ switching regulator will be disabled. NCH is
pulled low to disable the backfeed blocking MOSFET.
PGOOD will also transition LOW. When VTT is disabled, the
internal reference for the VTT regulator is internally shorted
to the VTT rail. This allows the VTT rail to float. When
floating, the voltage on the VTT rail will depend on the
leakage characteristics of the memory and MCH I/O pins. It
is important to note that the VTT rail may not bleed down to 0V.
The VDDQ rail will be supported in the S3 state through the
standby VDDQ LDO. When S3 transitions LOW, the Standby
regulator is immediately enabled. The switching regulator is
disabled synchronous to the switching waveform. The shut
off time will range between 4 and 8
µs. The standby LDO is
capable of supporting up to 650mA of load with P5VSBY tied
to the 5V Standby Rail. The standby LDO may receive input
from either the 3.3V Standby rail or the 5V Standby rail
through the P5VSBY pin. It is recommended that the 5V
Standby rail be used as the current delivery capability of the
LDO is greater.
Sleep to Active (S3 to S0 Transition)
When SLP_S3 transitions from LOW to HIGH with SLP_S5
held HIGH and after the 12V rail exceeds POR, the
ISL6532C will enable the VDDQ switching regulator, disable
the VDDQ standby regulator, enable the VTT LDO and force
the NCH pin to a high impedance state turning on the
blocking MOSFET. The AGP LDO goes through a 2048 clock
cycle soft-start. The internal short between the VTT
reference and the VTT rail is released. Upon release of the
short, the capacitor on VREF_IN is then charged up through
the internal resistor divider network. The VTT output will
follow this capacitor charge up, and acting as the S3 to S0
transition soft start for the VTT rail. The PGOOD comparator
is enabled only after 2048 clock cycles, or typically 8.2ms,
have passed following the S3 transition to a HIGH state.
Figure 2 illustrates a typical state transition from S3 to S0. It
should be noted that the soft start profile of the VTT LDO
output will vary according to the value of the capacitor on the
VREF_IN pin.
Active to Shutdown (S0 to S5 Transition)
When the system transitions from active, S0, state to
shutdown, S4/S5, state, the ISL6532C IC disables all
regulators and forces the PGOOD pin and the NCH pin LOW.
VDDQ Over Current Protection (S0 State)
The over-current function protects the switching converter
from a shorted output by using the upper MOSFET on-
resistance, rDS(ON), to monitor the current. This method
enhances the converter’s efficiency and reduces cost by
eliminating a current sensing resistor.
The over-current function cycles the soft-start function in a
hiccup mode to provide fault protection. A resistor (ROCSET)
programs the over-current trip level (see Typical Application
diagrams on pages 3 and 4). An internal 20
µA (typical)
current sink develops a voltage across ROCSET that is
referenced to the converter input voltage. When the voltage
across the upper MOSFET (also referenced to the converter
input voltage) exceeds the voltage across ROCSET, the over-
current function initiates a soft-start sequence. The initiation
of soft start will affect all regulators. The VTT regulator is
directly affected as it receives it’s reference from VDDQ. The
AGP LDO will also be soft started, and as such, the AGP
LDO voltage will be disabled while the VDDQ regulator is
disabled.
Figure 3 illustrates the protection feature responding to an
over current event. At time T0, an over current condition is
sensed across the upper MOSFET. As a result, the regulator
is quickly shutdown and the internal soft-start function
begins producing soft-start ramps. The delay interval seen
by the output is equivalent to three soft-start cycles. The
fourth internal soft-start cycle initiates a normal soft-start
ramp of the output, at time T1. The output is brought back
into regulation by time T2, as long as the over current event
has cleared.
FIGURE 2. TYPICAL S3 TO S0 STATE TRANSITION
VTT
VDDQ
12VATX 2V/DIV
S3
S5
500mV/DIV
500mV/DIV
PGOOD
5V/DIV
VAGP
500mV/DIV
VTT_FLOAT
12V POR
PGOOD COMPARATOR
ENABLED
2048 CLOCK
CYCLES
ISL6532C


Similar Part No. - ISL6532CCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532CCRZ RENESAS-ISL6532CCRZ Datasheet
894Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532CCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com