Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6532CRZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6532CRZ-T
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6532CRZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6532CRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 10Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 11Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
the ISL6532 starts an internal counter. Following a cold start
or any subsequent S5 state, state transitions are ignored
until the system enters S0/S1. None of the regulators will
begin the soft start procedure until the 5V Standby bus has
exceeded POR, the 12V bus has exceeded POR and VNCH
has exceeded the trip level.
Once all of these conditions are met, the PWM error
amplifier will first be reset by internally shorting the COMP
pin to the FB pin. This reset lasts for 2048 clock cycles which
is typically 8.2ms (one clock cycle = 1/fOSC). The digital soft
start sequence will then begin.
The PWM error amplifier reference input is clamped to a level
proportional to the soft-start voltage. As the soft-start voltage
slews up, the PWM comparator generates PHASE pulses of
increasing width that charge the output capacitor(s). The
internal VTT LDO will also soft start through the reference that
tracks the output of the PWM regulator. The soft start lasts for
2048 clock cycles, which is typically 8.2ms. This method
provides a rapid and controlled output voltage rise.
Figure 1 shows the soft start sequence for a typical cold
start. Due to the soft start capacitance, CSS, on the
VREF_IN pin, the S5 to S0 transition profile of the VTT rail
will have a more rounded features at the start and end of the
soft start whereas the VDDQ profile has distinct starting and
ending points to the ramp up.
By directly monitoring 12VATX and the SLP_S3 and SLP_S5
signals, the ISL6532 can achieve PGOOD status
significantly faster than other devices that depend on the
Latched_Backfeed_Cut signal for timing.
Active to Sleep (S0 to S3 Transition)
When SLP_S3 goes LOW with SLP_S5 still HIGH, the
ISL6532 will disable the VTT linear regulator. The VDDQ
standby regulator will be enabled and the VDDQ switching
regulator will be disabled. NCH is pulled low to disable the
backfeed blocking MOSFET. PGOOD will also transition
LOW. When VTT is disabled, the internal reference for the
VTT regulator is internally shorted to the VTT rail. This allows
the VTT rail to float. When floating, the voltage on the VTT
rail will depend on the leakage characteristics of the memory
and MCH I/O pins. It is important to note that the VTT rail
may not bleed down to 0V.
The VDDQ rail will be supported in the S3 state through the
standby VDDQ LDO. When S3 transitions LOW, the Standby
regulator is immediately enabled. The switching regulator is
disabled synchronous to the switching waveform. The shut
off time will range between 4 and 8µs. The standby LDO is
capable of supporting up to 650mA of load with P5VSBY tied
to the 5V Standby Rail. The standby LDO may receive input
from either the 3.3V Standby rail or the 5V Standby rail
through the P5VSBY pin. It is recommended that the 5V
Standby rail be used as the current delivery capability of the
LDO is greater.
Sleep to Active (S3 to S0 Transition)
When SLP_S3 transitions from LOW to HIGH with SLP_S5
held HIGH and after the 12V rail exceeds POR, the ISL6532
will enable the VDDQ switching regulator, disable the VDDQ
standby regulator, enable the VTT LDO and force the NCH
pin to a high impedance state turning on the blocking
MOSFET. The internal short between the VTT reference and
the VTT rail is released. Upon release of the short, the
capacitor on VREF_IN is then charged up through the
internal resistor divider network. The VTT output will follow
this capacitor charge-up, acting as the S3 to S0 transition
soft start for the VTT rail. The PGOOD comparator is
enabled only after 2048 clock cycles, or typically 8.2ms, have
passed following the S3 transition to a HIGH state.
Figure 2 illustrates a typical state transition from S3 to S0. It
should be noted that the soft start profile of the VTT LDO
output will vary according to the value of the capacitor on the
VREF_IN pin.
FIGURE 1. TYPICAL COLD START
VTT
VDDQ
12VATX 2V/DIV
5VSBY
S3
S5
1V/DIV
500mV/DIV
500mV/DIV
PGOOD
5V/DIV
12V POR
SOFT START
INITIATES
SOFT START ENDS
PGOOD COMPARATOR
ENABLED
2048 CLOCK
CYCLES
2048 CLOCK
CYCLES
FIGURE 2. TYPICAL S3 to S0 STATE TRANSITION
VTT
VDDQ
12VATX 2V/DIV
S3
S5
500mV/DIV
500mV/DIV
PGOOD
5V/DIV
12V POR
PGOOD COMPARATOR
ENABLED
2048 CLOCK
CYCLES
ISL6532


Similar Part No. - ISL6532CRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532CRZ RENESAS-ISL6532CRZ Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com