Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6532CCR Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6532CCR
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6532CCR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6532CCR Datasheet HTML 2Page - Intersil Corporation ISL6532CCR Datasheet HTML 3Page - Intersil Corporation ISL6532CCR Datasheet HTML 4Page - Intersil Corporation ISL6532CCR Datasheet HTML 5Page - Intersil Corporation ISL6532CCR Datasheet HTML 6Page - Intersil Corporation ISL6532CCR Datasheet HTML 7Page - Intersil Corporation ISL6532CCR Datasheet HTML 8Page - Intersil Corporation ISL6532CCR Datasheet HTML 9Page - Intersil Corporation ISL6532CCR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
PWM CONTROLLER GATE DRIVERS
UGATE and LGATE Source
IGATE
--0.8-
A
UGATE and LGATE Sink
IGATE
-0.8
-
A
NCH BACKFEED CONTROL
NCH Current Sink
INCH
NCH = 0.8V
-
-
6
mA
NCH Trip Level
VNCH
9.0
9.5
10.0
V
VDDQ STANDBY LDO
Output Drive Current
P5VSBY = 5.0V
-
-
650
mA
P5VSBY = 3.3V
-
-
550
mA
VTT REGULATOR
Upper Divider Impedance
RU
-2.5
-
k
Lower Divider Impedance
RL
-2.5
-
k
VREF_OUT Buffer Source Current
IVREF_OUT
--
2mA
Maximum VTT Load Current
IVTT_MAX
Periodic load applied with 30% duty cycle
and 10ms period using ISL6532CEVAL1
evaluation board (see Application Note
AN1056)
-3
-
3
A
VTT Over Current Trip
ITRIP_VTT
By Design
-3.3
-
3.3
A
LINEAR REGULATOR
DC GAIN
Guaranteed By Design
-
80
-
dB
Gain Bandwidth Product
GBWP
15
-
-
MHz
Slew Rate
SR
-
6
-
V/
µs
DRIVE2 High Output Voltage
10.0
10.2
-
V
DRIVE2 Low Output Voltage
-
0.16
0.40
V
DRIVE2 High Output Source Current
-.5
-1.4
-
mA
DRIVE2 Low Output Sink Current
.85
1.3
-
mA
PGOOD
PGOOD Rising Threshold
VVTTSNS/VVDDQ S0
-
57.5
-
%
PGOOD Falling Threshold
VVTTSNS/VVDDQ S0
-
45.0
-
%
PROTECTION
OCSET Current Source
IOCSET
17
20
22
µA
VDDQ OV Level
VFB/VREF
S0
-
115
-
%
VDDQ UV Level
VFB/VREF
S0
-
85
-
%
Linear Regulator OV Level
VFB2/VREF
S0
-
115
-
%
Linear Regulator UV Level
VFB2/VREF
S0
-
85
-
%
Thermal Shutdown Limit
TSD
By Design
-
140
-
°C
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams and Typical Application Schematics (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6532C


Similar Part No. - ISL6532CCR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532CCR RENESAS-ISL6532CCR Datasheet
894Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532CCRZ RENESAS-ISL6532CCRZ Datasheet
894Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532CCR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com