Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2192M Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-2192M
Description  DSP Microcomputer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2192M Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-2192M_15 Datasheet HTML 2Page - Analog Devices ADSP-2192M_15 Datasheet HTML 3Page - Analog Devices ADSP-2192M_15 Datasheet HTML 4Page - Analog Devices ADSP-2192M_15 Datasheet HTML 5Page - Analog Devices ADSP-2192M_15 Datasheet HTML 6Page - Analog Devices ADSP-2192M_15 Datasheet HTML 7Page - Analog Devices ADSP-2192M_15 Datasheet HTML 8Page - Analog Devices ADSP-2192M_15 Datasheet HTML 9Page - Analog Devices ADSP-2192M_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADSP-2192M
–6–
REV. 0
Interrupt routines can either be nested with higher priority inter-
rupts taking precedence or processed sequentially. Interrupts can
be masked or unmasked with the IMASK register. Individual
interrupt requests are logically ANDed with the bits in IMASK;
the highest priority unmasked interrupt is then selected. The
emulation, power-down, and reset interrupts are nonmaskable
with the IMASK register, but software can use the DIS INT
instruction to mask the power-down interrupt.
The IRPTL register is used to force and clear interrupts. On-chip
stacks preserve the processor status and are automatically main-
tained during interrupt handling. To support interrupt, loop, and
subroutine nesting, the PC stack is 33 levels deep, the loop stack
is eight levels deep, and the status stack is 16 levels deep. To
prevent stack overflow, the PC stack can generate a stack level
interrupt if the PC stack falls below three locations full or rises
above 28 locations full.
The following instructions globally enable or disable interrupt
servicing, regardless of the state of IMASK.
ENA INT;
DIS INT;
At reset, interrupt servicing is disabled.
For quick servicing of interrupts, a secondary set of DAG and
computational registers exist. Switching between the primary
and secondary registers lets programs quickly service interrupts,
while preserving the DSP’s state.
DMA Controller
The ADSP-2192M has a DMA controller that supports
automated data transfers with minimal overhead for the DSP
core. Cycle stealing DMA transfers can occur between the
ADSP-2192M’s internal memory and any of its DMA-capable
peripherals. DMA transfers can also be accomplished between
any of the DMA-capable peripherals. DMA-capable peripherals
include the PCI and AC’97 ports. Each individual DMA-capable
peripheral has a dedicated DMA channel. DMA sequences do
not contend for bus access with the DSP core; instead, DMAs
“steal” cycles to access memory. All DMA transfers use the
Program Memory (PMA/PMD) buses shown in the Functional
Block Diagram on Page 1.
External Interfaces
Several different interfaces are supported on the ADSP-2192M.
These include both internal and external interfaces. The three
separate PCI configuration spaces are programmable to set up
the device in various Plug-and-Play configurations.
The ADSP-2192M provides the following types of external inter-
faces: PCI, USB, Sub-ISA, CardBus, AC’97, and serial
EEPROM. The following sections discuss those interfaces.
PCI 2.2 Host Interface
The ADSP-2192M includes a 33 MHz, 32-bit bus master PCI
interface that is compliant with revision 2.2 of the PCI specifica-
tion. This interface supports the high data rates.
USB 1.1 Host Interface
The ADSP-2192M USB interface enables the host system to
configure and attach a single device with multiple interfaces and
various endpoint configurations. The advantages of this design
include:
• Programmable descriptors and class-specific command
interpreter.
• An on-chip 8052-compatible MCU allows the user to soft
download different configurations and support standard
or class-specific commands.
• Total of eight user-defined endpoints provided.
Endpoints can be configured as either BULK, ISO, or
INT, and the endpoints can be grouped and assigned to
any interface.
Sub-ISA Interface
In systems that combine the ADSP-2192M chip with other
devices on a single PCI interface, the ADSP-2192M Sub-ISA
mode is used to provide a simpler interface that bypasses the
ADSP-2192M’s PCI interface. In this mode the Combo Master
assumes all responsibility for interfacing the function to the PCI
bus, including provision of Configuration Space registers for the
ADSP-2192M system as a separate PnP function. In Sub-ISA
Mode the PCI Pins are reconfigured for ISA operation.
CardBus Interface
The CardBus standard provides higher levels of performance
than the 16-bit PC Card standard. For example, 32-bit CardBus
cards are able to take advantage of internal bus speeds that can
be as much as four to six times faster than 16-bit PC Cards. This
design provides for a compact, rugged card that can be completely
inserted within its host computer without any external cabling.
Because CardBus performance attains the same high level as the
host platform’s internal (PCI) system bus, it is an excellent way
to add high speed communications to the notebook form factor.
In addition, CardBus PC Cards operate at a power-saving
3.3 volts, extending battery life in most configurations.
This new 32-bit CardBus technology provides up to 132M bytes
per second of bandwidth. This performance makes CardBus an
ideal vehicle to meet the demands of high throughput communi-
cations such as ADSL.
Table 3. Interrupt Control (ICNTL) Register Bits
Bit
Description
0–3
Reserved
4
Interrupt nesting enable
5
Global interrupt enable
6
Reserved
7
MAC biased rounding enable
8–9
Reserved
10
PC stack interrupt enable
11
Loop stack interrupt enable
12
Low power idle enable
13–15
Reserved


Similar Part No. - ADSP-2192M_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2192M AD-ADSP-2192M Datasheet
1Mb / 40P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2192M_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com