Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALN5500 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN5500
Description  Internally Matched LNA Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN5500 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN5500_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN5500_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN5500_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN5500_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
December 2008
plerowTM ALN5500
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
5000 MHz
5500 MHz
6000 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
17.97
-10.08
-20.69
17.20
0.93
-16.17
-23.41
17.04
-19.14
-17.72
4.75 V
18.08
-10.52
-24.30
17.34
0.88
-15.98
-24.07
17.20
-19.51
-19.25
5.00 V
18.38
-10.62
-24.02
17.73
0.74
-16.11
-24.01
17.64
-19.55
-18.95
5.25 V
18.54
-10.68
-24.35
17.87
0.78
-16.05
-23.66
17.76
-19.58
-19.05
5.50 V
18.64
-10.84
-2493
17.96
0.79
-16.14
-23.03
17.85
-19.85
-19.29
5000 MHz
5500 MHz
6000 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
35.37
21.67
-
35.86
21.38
-
35.65
21.16
-
4.75 V
36.42
22.24
-
36.39
21.97
-
36.04
21.74
-
5.00 V
36.84
22.58
-
36.73
22.52
-
36.99
22.51
-
5.25 V
37.10
22.85
-
37.27
22.99
-
37.19
23.03
-
5.50 V
37.23
23.08
-
37.72
23.37
-
37.70
23.40
-
5000 MHz
5500 MHz
6000 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
20.49
-9.890
19.55
19.55
0.90
-17.22
-30.01
19.59
-18.83
-19.27
-10
C
19.88
-10.13
-18.51
19.05
0.94
-16.49
-31.98
18.94
-17.82
-18.21
25
C
18.88
-11.16
-23.20
18.12
0.97
-15.60
-25.42
17.91
-17.54
-18.42
60
C
18.70
-11.47
-25.73
17.99
0.91
-15.33
-22.44
17.79
-17.33
-18.36
85
C
18.35
-12.12
-27.42
17.61
0.82
-14.87
-20.70
17.53
-17.12
-18.42
5000 MHz
5500 MHz
6000 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
37.73
23.50
-
36.61
23.43
-
35.18
23.13
-
-10
C
37.62
23.57
-
37.47
23.88
-
35.70
23.43
-
25
C
37.44
22.04
-
37.43
22.68
-
36.20
22.62
-
60
C
36.38
21.93
-
36.97
22.64
-
36.02
22.55
-
85
C
37.40
22.24
-
37.54
22.11
-
35.35
21.68
-
RF Performance with Operating Temperature
RF Performance with Voltage Change


Similar Part No. - ALN5500_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN5500 ASB-ALN5500_17 Datasheet
343Kb / 4P
   Internally Matched LNA Module
August 2017
More results

Similar Description - ALN5500_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
ALN2047 ASB-ALN2047_13 Datasheet
620Kb / 3P
   Internally Matched LNA Module
November 2008
ALN2332 ASB-ALN2332_13 Datasheet
727Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1880AT ASB-ALN1880AT_13 Datasheet
474Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1945T2 ASB-ALN1945T2_13 Datasheet
618Kb / 3P
   Internally Matched LNA Module
December 2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com