Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6529ACR-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6529ACR-T
Description  Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6529ACR-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6529ACR-T Datasheet HTML 6Page - Intersil Corporation ISL6529ACR-T Datasheet HTML 7Page - Intersil Corporation ISL6529ACR-T Datasheet HTML 8Page - Intersil Corporation ISL6529ACR-T Datasheet HTML 9Page - Intersil Corporation ISL6529ACR-T Datasheet HTML 10Page - Intersil Corporation ISL6529ACR-T Datasheet HTML 11Page - Intersil Corporation ISL6529ACR-T Datasheet HTML 12Page - Intersil Corporation ISL6529ACR-T Datasheet HTML 13Page - Intersil Corporation ISL6529ACR-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN9127.1
December 28, 2004
controllable closed loop transfer function of VOUT/VREF. The
goal of component selection for the compensation network is
to provide a loop gain with high 0dB crossing frequency
(f0dB) and adequate phase margin. Phase margin is the
difference between the closed loop phase at f0dB and 180
degrees.
Compensation Break Frequency Equations
Follow this procedure for selecting compensation
components by locating the poles and zeros of the
compensation network:
1. Set the loop gain (R2/R1) to provide a converter
bandwidth of one quarter of the switching frequency.
2. Place the first compensation zero, FZ1, below the output
filter double pole (~75% FLC).
3. Position the second compensation zero, FZ2, at the
output filter double pole, FLC.
4. Locate the first compensation pole, FP1, at the output
filter ESR zero, FESR.
5. Position the second compensation pole at half the
converter switching frequency, FSW.
6. Check gain against error amplifier’s open-loop gain.
7. Estimate phase margin; repeat if necessary.
Figure
7 shows an asymptotic plot of the DC-DC converter’s
gain vs. frequency. The actual modulator gain has a high
gain peak dependent on the quality factor (Q) of the output
filter, which is not shown in Figure
7. Using the above
procedure should yield a compensation gain similar to the
curve plotted. The open loop error amplifier gain bounds the
compensation gain. Check the compensation gain at FP2
with the capabilities of the error amplifier.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45
degrees. Include worst case component variations when
determining phase margin.
Linear Regulator Feedback Compensation
The regulator may be compensated with a series 6.8k
resistor and a 470pF capacitor connected between FB2 and
DRIVE2. This will provide compensation for all loads and
ranges of output capacitor values and a range of capacitor
ESR values from aluminum electrolytic to low-ESR organic
polymer capacitors. This will not insure optimum load
transient response since the regulator system, like an
internally compensated operational amplifier is
overcompensated.
To optimize transient response, when required, the regulator
should be in the actual application circuit with the desired
output capacitors and associated PC board parasitics and
load. The value of C4 would be reduced and the series
resistor, R12 adjusted for optimum rise and fall time, with a
minimum of overshoot.
Application Guidelines
Layout Considerations
Layout is very important in high frequency switching
converter design. With power devices switching efficiently at
600kHz, the resulting current transitions from one device to
another cause voltage spikes across the interconnecting
impedances and parasitic circuit elements. These voltage
spikes can degrade efficiency, radiate noise into the circuit,
and lead to device overvoltage stress. Careful component
layout and printed circuit board design minimizes the voltage
spikes in the converters.
As an example, consider the turn-off transition of the PWM
MOSFET. Prior to turn-off, the MOSFET is carrying the full
load current. During turn-off, current stops flowing in the
MOSFET and is picked up by the lower MOSFET and
parasitic diode. Any parasitic inductance in the switched
current path generates a large voltage spike during the
switching interval. Careful component selection, tight layout
of the critical components, and short, wide traces minimizes
the magnitude of voltage spikes.
There are two sets of critical components in a DC-DC converter
using the ISL6529A. The switching components are the most
critical because they switch large amounts of energy, and
therefore tend to generate large amounts of noise. Next are the
small signal components which connect to sensitive nodes or
supply critical bypass current and signal coupling.
F
Z1
1
2
π R
× 2C1
×
-----------------------------------
=
F
Z2
1
2
π
R1
R3
+
() C3
×
×
-------------------------------------------------------
=
F
P1
1
2
π R
2
C1
C2
×
C1
C2
+
----------------------


×
×
-------------------------------------------------------
=
F
P2
1
2
π R
× 3C3
×
-----------------------------------
=
(EQ. 10)
(EQ. 11)
(EQ. 8)
(EQ. 9)
Zeros:
Poles:
FIGURE 7. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
MODULATOR
GAIN
LOOP GAIN
20
V
IN
V
OSC
------------------



log
20
R2
R1
---------


log
ISL6529A


Similar Part No. - ISL6529ACR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529ACR-T INTERSIL-ISL6529ACR-T Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6529ACR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com