Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2171 Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-2171
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2171 Datasheet(HTML) 5 Page - Analog Devices

  ADSP-2171_15 Datasheet HTML 1Page - Analog Devices ADSP-2171_15 Datasheet HTML 2Page - Analog Devices ADSP-2171_15 Datasheet HTML 3Page - Analog Devices ADSP-2171_15 Datasheet HTML 4Page - Analog Devices ADSP-2171_15 Datasheet HTML 5Page - Analog Devices ADSP-2171_15 Datasheet HTML 6Page - Analog Devices ADSP-2171_15 Datasheet HTML 7Page - Analog Devices ADSP-2171_15 Datasheet HTML 8Page - Analog Devices ADSP-2171_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
ADSP-2171/ADSP-2172/ADSP-2173
REV. A
–5–
Interrupts
The interrupt controller allows the processor to respond to the
eleven possible interrupts and reset with minimum overhead.
The ADSP-217x provides up to three external interrupt input
pins, IRQ0, IRQ1 and IRQ2. IRQ2 is always available as a dedi-
cated pin; SPORT1 may be reconfigured for IRQ0, IRQ1, and
the flags. The ADSP-217x also supports internal interrupts from
the timer, the host interface port, the two serial ports, software,
and the powerdown control circuit. The interrupt levels are in-
ternally prioritized and individually maskable (except power-
down and reset). The input pins can be programmed to be
either level- or edge-sensitive. The priorities and vector ad-
dresses of all interrupts are shown in Table II, and the interrupt
registers are shown in Figure 2.
Interrupts can be masked or unmasked with the IMASK regis-
ter. Individual interrupt requests are logically ANDed with the
bits in IMASK; the highest priority unmasked interrupt is then
selected.The powerdown interrupt is nonmaskable.
The ADSP-217x masks all interrupts for one instruction cycle
following the execution of an instruction that modifies the
IMASK register. This does not affect autobuffering.
The interrupt control register, ICNTL, allows the external in-
terrupts to be either edge- or level-sensitive. Interrupt routines
can either be nested with higher priority interrupts taking prece-
dence or processed sequentially.
The IFC register is a write-only register used to force and clear
interrupts generated from software.
Table II. Interrupt Priority & Interrupt Vector Addresses
Interrupt Vector
Source of Interrupt
Address (Hex)
Reset (or Power-Up with PUCR = 1)
0000
(Highest Priority)
Powerdown (Nonmaskable)
002C
IRQ2
0004
HIP Write
0008
HIP Read
000C
SPORT0 Transmit
0010
SPORT0 Receive
0014
Software Interrupt 1
0018
Software Interrupt 0
001C
SPORT1 Transmit or IRQ1
0020
SPORT1 Receive or IRQ0
0024
Timer
0028
(Lowest Priority)
On-chip stacks preserve the processor status and are automati-
cally maintained during interrupt handling.
The stacks are twelve levels deep to allow interrupt nesting.
The following instructions allow global enable or disable servic-
ing of the interrupts (including powerdown), regardless of the
state of IMASK. Disabling the interrupts does not affect
autobuffering.
ENA INTS;
DIS INTS;
When you reset the processor, the interrupt servicing is enabled.
Figure 2. Interrupt Registers
Timer
SPORT1 Receive or IRQ0
SPORT1 Transmit or IRQ1
Software 0
Software 1
SPORT0 Receive
SPORT0 Transmit
IRQ2
IRQ2
SPORT0 Transmit
SPORT0 Receive
Software 1
Software 0
SPORT1 Transmit or IRQ1
SPORT1 Receive or IRQ0
Timer
INTERRUPT FORCE
INTERRUPT CLEAR
IFC
98
7654321
0
10
11
12
13
14
15
0
0
0
0
0
0
0
0
0
0
0
0
0
000
IRQ0 Sensitivity
IRQ1 Sensitivity
IRQ2 Sensitivity
Interrupt Nesting
1 = enable, 0 = disable
0
ICNTL
1 = edge
0 = level
4
321
0
10
11
12
13
14
15
98
765
43
210
IRQ2
HIP Write
HIP Read
SPORT0 Transmit
SPORT0 Receive
IMASK
1 = enable, 0 = disable
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Timer
IRQ0 or SPORT1 Receive
IRQ1 or SPORT1 Transmit
Software 0
Software 1


Similar Part No. - ADSP-2171_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2171BS-104 AD-ADSP-2171BS-104 Datasheet
664Kb / 52P
   DSP Microcomputer
REV. A
ADSP-2171BS-133 AD-ADSP-2171BS-133 Datasheet
664Kb / 52P
   DSP Microcomputer
REV. A
ADSP-2171BST-104 AD-ADSP-2171BST-104 Datasheet
664Kb / 52P
   DSP Microcomputer
REV. A
ADSP-2171BST-133 AD-ADSP-2171BST-133 Datasheet
664Kb / 52P
   DSP Microcomputer
REV. A
ADSP-2171KS-104 AD-ADSP-2171KS-104 Datasheet
664Kb / 52P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2171_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com