Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6529 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6529
Description  Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6529 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6529 Datasheet HTML 1Page - Intersil Corporation ISL6529 Datasheet HTML 2Page - Intersil Corporation ISL6529 Datasheet HTML 3Page - Intersil Corporation ISL6529 Datasheet HTML 4Page - Intersil Corporation ISL6529 Datasheet HTML 5Page - Intersil Corporation ISL6529 Datasheet HTML 6Page - Intersil Corporation ISL6529 Datasheet HTML 7Page - Intersil Corporation ISL6529 Datasheet HTML 8Page - Intersil Corporation ISL6529 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
ISL6529, ISL6529A
Dual Regulator–Synchronous Rectified
Buck PWM and Linear Power Controllers
The ISL6529, ISL6529A provide the power control and
protection for two output voltages in high-performance
graphics cards and other embedded processor applications.
The dual-output controllers drive two N-Channel MOSFETs
in a synchronous rectified buck converter topology and one
N-Channel MOSFET in a linear configuration. The ISL6529,
ISL6529A provide both a regulated high current, low voltage
supply and an independent, lower current supply integrated
in a 14-lead SOIC package. The controllers are ideal for
graphic card applications where regulation of both the
graphics processing unit (GPU) and memory supplies is
required.
The synchronous rectified buck converters incorporate
simple, single feedback loop, voltage-mode control with fast
transient response. Both the switching regulator and linear
regulator provide a maximum static regulation tolerance of
±
2% over line, load, and temperature ranges. Each output is
user-adjustable by means of external resistors.
An integrated soft-start feature brings both supplies into
regulation in a controlled manner. Each output is monitored
via the FB pins for undervoltage events. If either output
drops below 51.5% of the nominal output level, both
converters are shut down.
Features
• Provides two regulated voltages
- One synchronous rectified buck PWM controller
- One linear controller
• Both controllers drive low cost N-Channel MOSFETs
• 12V direct drive saves external components
• Small converter size
- 600kHz constant frequency operation
- Small external component count
• Excellent output voltage regulation
- Both outputs: ±1% over temperature - ISL6529AC
- Both outputs: ±2% over temperature - ISL6529C
• 5V down conversion
• PWM and linear output voltage range: down to 0.8V
• Simple single-loop voltage-mode PWM control design
• Fast PWM converter transient response
- High-bandwidth error amplifier
- Full 0-100% duty ratio
• Linear controller drives N-Channel MOSFET pass transistor
• Fully-adjustable outputs
• Undervoltage fault monitoring on both outputs
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
Pb-Free Available (RoHS Compliant)
Applications
• Graphics–GPU and memory supplies
• ASIC power supplies
• Embedded processor and I/O supplies
• DSP supplies
Related Literature
• Technical Brief TB363 Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)
Ordering Information
PART NUMBER*
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6529ACB
0 to 70
14 Ld SOIC
M14.15
ISL6529ACBZ (Note)
0 to 70
14 Ld SOIC (Pb-free) M14.15
ISL6529ACR
0 to 70
16 Ld 5x5 QFN
L16.5x5B
ISL6529ACRZ (Note)
0 to 70
16 Ld 5x5 QFN
(Pb-free)
L16.5x5B
ISL6529CB
0 to 70
14 Ld SOIC
M14.15
ISL6529CBZ (Note)
0 to 70
14 Ld SOIC (Pb-free) M14.15
ISL6529CR
0 to 70
16 Ld 5x5 QFN
L16.5x5B
ISL6529CRZ (Note)
0 to 70
16 Ld 5x5 QFN
(Pb-free)
L16.5x5B
ISL6529EVAL1
Evaluation Board
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both
SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
April 12, 2005
FN9070.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6529

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
Intersil Corporation
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6529ACB INTERSIL-ISL6529ACB Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529ACB RENESAS-ISL6529ACB Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
Intersil Corporation
ISL6529ACB-T INTERSIL-ISL6529ACB-T Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6529

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com