Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6524CBZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6524CBZ-T
Description  VRM8.5 PWM and Triple Linear Power System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6524CBZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6524CBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6524CBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6524CBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6524CBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6524CBZ-T Datasheet HTML 9Page - Intersil Corporation ISL6524CBZ-T Datasheet HTML 10Page - Intersil Corporation ISL6524CBZ-T Datasheet HTML 11Page - Intersil Corporation ISL6524CBZ-T Datasheet HTML 12Page - Intersil Corporation ISL6524CBZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN9015.3
April 18, 2005
4.0V before discharging. Soft-start capacitor CSS13 is, again,
quickly discharged. The counter increments to 2. The soft-
start cycle repeats at T3 and trips the overcurrent comparator.
The SS24 pin voltage increases to above 4.0V at T4 and the
counter increments to 3. This sets the fault latch to disable the
converter.
The three linear controllers monitor their respective VSEN
pins for undervoltage. Should excessive currents cause
VSEN3 or VSEN4 to fall below the linear undervoltage
threshold, the respective UV signals set the OC latch or the
FAULT latch, providing respective CSS capacitors are fully
charged. Blanking the UV signals during the CSS charge
interval allows the linear outputs to build above the
undervoltage threshold during normal operation. Cycling the
bias input power off then on resets the counter and the fault
latch.
An external resistor (ROCSET) programs the overcurrent trip
level for the PWM converter. As shown in Figure 9, the internal
200mA current sink (IOCSET) develops a voltage across
ROCSET (VSET) that is referenced to VIN. The DRIVE signal
enables the overcurrent comparator (OC). When the voltage
across the upper MOSFET (VDS(ON)) exceeds VSET, the
overcurrent comparator trips to set the overcurrent latch. Both
VSET and VDS are referenced to VIN and a small capacitor
across ROCSET helps VOCSET track the variations of VIN due
to MOSFET switching. The overcurrent function will trip at a
peak inductor current (IPEAK) determined by:
The OC trip point varies with MOSFET’s rDS(ON)
temperature variations. To avoid overcurrent tripping in the
normal operating load range, determine the ROCSET
resistor value from the equation above with:
1. The maximum rDS(ON) at the highest junction temperature
2. The minimum IOCSET from the specification table
3. Determine IPEAK for IPEAK > IOUT(MAX) + (DI)/2,
where DI is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
OUT1 Voltage Program
The output voltage of the PWM converter is programmed to
discrete levels between 1.050V and 1.825V. This output
(OUT1) is designed to supply the core voltage of Intel’s
advanced microprocessors. The voltage identification (VID)
pins program an internal voltage reference (DACOUT) with a
TTL-compatible 5-bit digital-to-analog converter (DAC). The
level of DACOUT also sets the PGOOD and OVP thresholds.
Table 1 specifies the DACOUT voltage for the different
combinations of connections on the VID pins. The VID pins
can be left open for a logic 1 input, since they are internally
pulled to the VAUX pin through 5kW resistors. Changing the
VID inputs during operation is not recommended and could
toggle the PGOOD signal and exercise the overvoltage
protection. The output voltage program is Intel VRM8.5
compatible.
FIGURE 8. OVERCURRENT OPERATION
0A
0V
2V
4V
TIME
T1
T2
T3
T0
T4
0V
10V
FAULT
REPORTED
COUNT
= 2
COUNT
= 3
OVERLOAD
APPLIED
COUNT
= 1
IPEAK =
IOCSET ROCSET
×
rDS ON
()
----------------------------------------------------
VSET
FIGURE 9. OVERCURRENT DETECTION
UGATE
OCSET
PHASE
OC
+
-
GATE
CONTROL
VCC
200
µA
VDS
iD
ROCSET
VIN = +5V
OVERCURRENT TRIP:
IOCSET
+
+
PWM
DRIVE
VPHASE VIN VDS
=
VOCSET VIN VSET
=
iD rDS ON
()
×
IOCSET ROCSET
×
>
VDS VSET
>


Similar Part No. - ISL6524CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6524CBZ INTERSIL-ISL6524CBZ Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
ISL6524CBZ RENESAS-ISL6524CBZ Datasheet
838Kb / 17P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524CBZA INTERSIL-ISL6524CBZA Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
ISL6524CBZA RENESAS-ISL6524CBZA Datasheet
838Kb / 17P
   VRM8.5 PWM and Triple Linear Power System Controller
More results

Similar Description - ISL6524CBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524A INTERSIL-ISL6524A Datasheet
453Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Renesas Technology Corp
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Intersil Corporation
ISL6523A INTERSIL-ISL6523A Datasheet
408Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
ISL6523 INTERSIL-ISL6523 Datasheet
498Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
List of Unclassifed Man...
RT9238 ETC-RT9238 Datasheet
434Kb / 24P
   VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com