Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6504ACRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6504ACRZ
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6504ACRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6504ACRZ Datasheet HTML 2Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 3Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 4Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN9062.2
April 13, 2004
3.3VDUAL/3.3VSB LINEAR REGULATOR (VOUT3)
Sleep State Regulation
--
2.0
%
3V3DL Nominal Voltage Level
V3V3DL
-3.3
-
V
3V3DL Undervoltage Rising Threshold
-2.75-
V
3V3DL Undervoltage Hysteresis
-
150
-
mV
3V3DLSB Output Drive Current
I3V3DLSB
V5VSB = 5V
5
8
-
mA
5VDUAL SWITCH CONTROLLER (VOUT4)
5VDL Undervoltage Rising Threshold
-4.10-
V
5VDL Undervoltage Hysteresis
-
200
-
mV
5VDLSB Output Drive Current
I5VDLSB
V5VDLSB = 4V, V5VSB = 5V
-20
-
-40
mA
TIMING INTERVALS
Active State Assessment Past Input UV
Thresholds (Note 3)
20
25
30
ms
Active-to-Sleep Control Input Delay
-
200
-
µs
VID_CT Charging Current
IVID_CT
VVID_CT = 0V
-
10
-
µA
CONTROL I/O (S3, S5, FAULT)
High Level Input Threshold
--
2.2V
Low Level Input Threshold
0.8
-
-
V
S3, S5 Internal Pull-up Impedance to 5VSB
-
50
-
k
FAULT Output Impedance
FAULT = high
-
100
-
TEMPERATURE MONITOR
Fault-Level Threshold (Note 4)
125
-
-
oC
Shutdown-Level Threshold (Note 4)
-
155
-
oC
NOTES:
3. Guaranteed by Correlation.
4. Guaranteed by Design.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted Refer to Figures 1, 2 and 3 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6504, ISL6504A


Similar Part No. - ISL6504ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6504ACRZ RENESAS-ISL6504ACRZ Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - ISL6504ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com