Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6504ACRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6504ACRZ
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6504ACRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6504ACRZ Datasheet HTML 1Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 2Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 3Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 4Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6504ACRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN9062.2
April 13, 2004
Absolute Maximum Ratings
Thermal Information
Supply Voltage, V5VSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
DLA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +14.5V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+ 7.0V
ESD Classification (Human Body Model) . . . . . . . . . . . . . . . . . . 2kV
Recommended Operating Conditions
Supply Voltage, V5VSB . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Lowest 5VSB Supply Voltage Guaranteeing Parameters . . . . +4.5V
Digital Inputs, VSx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to +5.5V
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Junction Temperature Range . . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
SOIC Package (Note 1) . . . . . . . . . . .
70
N/A
QFN Package (Note 2) . . . . . . . . . . . .
32
4.0
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. θJC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted Refer to Figures 1, 2 and 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
I5VSB
-17
-
mA
Shutdown Supply Current
I5VSB(OFF) VSS = 0.8V
-
4
-
mA
POWER-ON RESET, SOFT-START, AND VOLTAGE MONITORS
Rising 5VSB POR Threshold
--
4.5V
5VSB POR Hysteresis
-0.9
-
V
Rising 3V3 Threshold
-2.75-
V
3V3 Hysteresis
-
150
-
mV
Falling Threshold Timeout (All Monitors)
-10
-
µs
Soft-Start Current
ISS
-10
-
µA
Shutdown Voltage Threshold
VSD
--
0.8V
VID_PG Rising Threshold
-1.02-
V
VID_PG Hysteresis
-56
-
mV
1.5VSB LINEAR REGULATOR (VOUT1)
Regulation
--
2.0
%
1V5SB Nominal Voltage Level
V1V5SB
-1.5
-
V
1V5SB Undervoltage Rising Threshold
-1.25-
V
1V5SB Undervoltage Hysteresis
-75
-
mV
1V5SB Output Current
I1V5SB
V3V3DL = 3.3V
85
-
-
mA
1.2VVID LINEAR REGULATOR (VOUT2)
Regulation
--
2.0
%
1V2VID Nominal Voltage Level
V1V2VID
-1.2
-
V
1V2VID Undervoltage Rising Threshold
-0.96-
V
1V2VID Undervoltage Hysteresis
-60
-
mV
1V2VID Output Current
I1V2VID
V3V3 = 3.3V
40
-
-
mA
ISL6504, ISL6504A


Similar Part No. - ISL6504ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6504ACRZ RENESAS-ISL6504ACRZ Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - ISL6504ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com