Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-218XN Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-218XN
Description  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-218XN Datasheet(HTML) 3 Page - Analog Devices

  ADSP-218XN_15 Datasheet HTML 1Page - Analog Devices ADSP-218XN_15 Datasheet HTML 2Page - Analog Devices ADSP-218XN_15 Datasheet HTML 3Page - Analog Devices ADSP-218XN_15 Datasheet HTML 4Page - Analog Devices ADSP-218XN_15 Datasheet HTML 5Page - Analog Devices ADSP-218XN_15 Datasheet HTML 6Page - Analog Devices ADSP-218XN_15 Datasheet HTML 7Page - Analog Devices ADSP-218XN_15 Datasheet HTML 8Page - Analog Devices ADSP-218XN_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
ADSP-218xN
Rev. A
|
Page 3 of 48
|
August 2006
GENERAL DESCRIPTION
The ADSP-218xN series consists of six single chip microcom-
puters optimized for digital signal processing applications. The
high-level block diagram for the ADSP-218xN series members
appears on the previous page. All series members are pin-com-
patible and are differentiated solely by the amount of on-chip
SRAM. This feature, combined with ADSP-21xx code compati-
bility, provides a great deal of flexibility in the design decision.
Specific family members are shown in Table 1.
ADSP-218xN series members combine the ADSP-2100 family
base architecture (three computational units, data address gen-
erators, and a program sequencer) with two serial ports, a 16-bit
internal DMA port, a byte DMA port, a programmable timer,
Flag I/O, extensive interrupt capabilities, and on-chip program
and data memory.
ADSP-218xN series members integrate up to 256K bytes of on-
chip memory configured as up to 48K words (24-bit) of pro-
gram RAM, and up to 56K words (16-bit) of data RAM. Power-
down circuitry is also provided to meet the low power needs of
battery-operated portable equipment. The ADSP-218xN is
available in a 100-lead LQFP package and 144-ball BGA.
Fabricated in a high-speed, low-power, 0.18 μm CMOS process,
ADSP-218xN series members operate with a 12.5 ns instruction
cycle time. Every instruction can execute in a single pro-
cessor cycle.
The ADSP-218xN’s flexible architecture and comprehensive
instruction set allow the processor to perform multiple opera-
tions in parallel. In one processor cycle, ADSP-218xN series
members can:
• Generate the next program address
• Fetch the next instruction
• Perform one or two data moves
• Update one or two data address pointers
• Perform a computational operation
This takes place while the processor continues to:
• Receive and transmit data through the two serial ports
• Receive and/or transmit data through the internal
DMA port
• Receive and/or transmit data through the byte DMA port
• Decrement timer
ARCHITECTURE OVERVIEW
The ADSP-218xN series instruction set provides flexible data
moves and multifunction (one or two data moves with a com-
putation) instructions. Every instruction can be executed in a
single processor cycle. The ADSP-218xN assembly language
uses an algebraic syntax for ease of coding and readability. A
comprehensive set of development tools supports program
development.
The functional block diagram is an overall block diagram of the
ADSP-218xN series. The processor contains three independent
computational units: the ALU, the multiplier/accumulator
(MAC), and the shifter. The computational units process 16-bit
data directly and have provisions to support multiprecision
computations. The ALU performs a standard set of arithmetic
and logic operations; division primitives are also supported. The
MAC performs single-cycle multiply, multiply/add, and multi-
ply/subtract operations with 40 bits of accumulation. The shifter
performs logical and arithmetic shifts, normalization, denor-
malization, and derive exponent operations.
The shifter can be used to efficiently implement numeric format
control, including multiword and block floating-point
representations.
The internal result (R) bus connects the computational units so
that the output of any unit may be the input of any unit on the
next cycle.
A powerful program sequencer and two dedicated data address
generators ensure efficient delivery of operands to these compu-
tational units. The sequencer supports conditional jumps,
subroutine calls, and returns in a single cycle. With internal
loop counters and loop stacks, ADSP-218xN series members
execute looped code with zero overhead; no explicit jump
instructions are required to maintain loops.
Two data address generators (DAGs) provide addresses for
simultaneous dual operand fetches (from data memory and pro-
gram memory). Each DAG maintains and updates four address
pointers. Whenever the pointer is used to access data (indirect
addressing), it is post-modified by the value of one of four possi-
ble modify registers. A length value may be associated with each
pointer to implement automatic modulo addressing for
circular buffers.
Five internal buses provide efficient data transfer:
• Program Memory Address (PMA) Bus
• Program Memory Data (PMD) Bus
• Data Memory Address (DMA) Bus
• Data Memory Data (DMD) Bus
• Result (R) Bus
Table 1. ADSP-218xN DSP Microcomputer Family
Device
Program Memory
(K words)
Data Memory
(K words)
ADSP-2184N
4
4
ADSP-2185N
16
16
ADSP-2186N
8
8
ADSP-2187N
32
32
ADSP-2188N
48
56
ADSP-2189N
32
48


Similar Part No. - ADSP-218XN_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-218XN AD-ADSP-218XN Datasheet
1Mb / 45P
   DSP Microcomputer
REV. 0
ADSP-218XN AD-ADSP-218XN Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-218XN_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com