Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6522ACBZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6522ACBZ-T
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522ACBZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6522ACBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6522ACBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6522ACBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6522ACBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6522ACBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6522ACBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6522ACBZ-T Datasheet HTML 9Page - Intersil Corporation ISL6522ACBZ-T Datasheet HTML 10Page - Intersil Corporation ISL6522ACBZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN9122.2
April 13, 2005
is reference to VIN. When the voltage across the upper
MOSFET (also referenced to VIN) exceeds the voltage
across ROCSET, the overcurrent function initiates a soft-start
sequence. The soft-start function discharges CSS with a
10
µA current sink and inhibits PWM operation. The soft-start
function recharges CSS, and PWM operation resumes with
the error amplifier clamped to the SS voltage. Should an
overload occur while recharging CSS, the soft-start function
inhibits PWM operation while fully charging CSS to 4V to
complete its cycle. Figure 4 shows this operation with an
overload condition. Note that the inductor current increases
to over 15A during the CSS charging interval and causes an
overcurrent trip. The converter dissipates very little power
with this method. The measured input power for the
conditions of Figure 4 is 2.5W.
The overcurrent function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200µA
is typical). The OC trip point varies mainly due to the
MOSFETs rDS(ON) variations. To avoid overcurrent tripping
in the normal operating load range, find the ROCSET resistor
from the equation above with:
The maximum rDS(ON) at the highest junction temperature.
1. The minimum IOCSET from the specification table.
2. Determine
,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled Output Inductor Selection.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Current Sinking
The ISL6522A incorporates a MOSFET shoot-through
protection method which allows a converter to sink current
as well as source current. Care should be exercised when
designing a converter with the ISL6522A when it is known
that the converter may sink current.
When the converter is sinking current, it is behaving as a boost
converter that is regulating its input voltage. This means that
the converter is boosting current into the VIN rail, the voltage
that is being down-converted. If there is nowhere for this current
to go, such as to other distributed loads on the VIN rail, through
a voltage limiting protection device, or other methods, the
capacitance on the VIN bus will absorb the current. This
situation will cause the voltage level of the VIN rail to increase. If
the voltage level of the rail is boosted to a level that exceeds the
maximum voltage rating of the MOSFETs or the input
capacitors, damage may occur to these parts. If the bias
voltage for the ISL6522A comes from the VIN rail, then the
maximum voltage rating of the ISL6522A may be exceeded
and the IC will experience a catastrophic failure and the
converter will no longer be operational. Ensuring that there is a
path for the current to follow other than the capacitance on the
rail will prevent these failure modes.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to
another can generate voltage transients across the
impedances of the interconnecting bond wires and circuit
traces. These interconnecting impedances should be
minimized by using wide, short printed circuit traces. The
critical components should be located as close together as
possible using ground plane construction or single point
grounding.
Figure 5 shows the critical power components of the
converter. To minimize the voltage overshoot the
interconnecting wires indicated by heavy lines should be part
of ground or power plane in a printed circuit board. The
components shown in Figure 6 should be located as close
together as possible. Please note that the capacitors CIN
and CO each represent numerous physical capacitors.
Locate the ISL6522A within three inches of the MOSFETs,
Q1 and Q2. The circuit traces for the MOSFETs’ gate and
source connections from the ISL6522A must be sized to
handle up to 1A peak current.
Figure 6 shows the circuit traces that require additional
layout consideration. Use single point and ground plane
construction for the circuits shown. Minimize any leakage
current paths on the SS PIN and locate the capacitor, CSS
close to the SS pin because the internal current source is
only 10
µA. Provide local VCC decoupling between VCC and
GND pins. Locate the capacitor, CBOOT as close as practical
to the BOOT and PHASE pins.
IPEAK
IOCSET ROCSET
rDS ON
()
---------------------------------------------------
=
IPEAK for IPEAK IOUT MAX
()
∆I
() 2
+
>
PGND
LO
CO
LGATE
UGATE
PHASE
Q1
Q2
D2
FIGURE 5. PRINTED CIRCUIT BOARD POWER AND
GROUND PLANES OR ISLANDS
VIN
VOUT
RETURN
ISL6522A
CIN
ISL6522A


Similar Part No. - ISL6522ACBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6522ACBZ RENESAS-ISL6522ACBZ Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522ACBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com