Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6520IB-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6520IB-T
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6520IB-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6520IB-T Datasheet HTML 1Page - Intersil Corporation ISL6520IB-T Datasheet HTML 2Page - Intersil Corporation ISL6520IB-T Datasheet HTML 3Page - Intersil Corporation ISL6520IB-T Datasheet HTML 4Page - Intersil Corporation ISL6520IB-T Datasheet HTML 5Page - Intersil Corporation ISL6520IB-T Datasheet HTML 6Page - Intersil Corporation ISL6520IB-T Datasheet HTML 7Page - Intersil Corporation ISL6520IB-T Datasheet HTML 8Page - Intersil Corporation ISL6520IB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN9009.4
October 4, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
Absolute Boot Voltage, VBOOT . . . . . . . . . . . . . . . . . . . . . . . +15.0V
Upper Driver Supply Voltage, VBOOT - VPHASE . . . . . . . . . . . +6.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Recommended Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±10%
Ambient Temperature Range - ISL6520C . . . . . . . . . . . 0oC to 70oC
Ambient Temperature Range - ISL6520I . . . . . . . . . . -40oC to 85oC
Junction Temperature Range. . . . . . . . . . . . . . . . . . -40oC to 125oC
Thermal Resistance
θJA (oC/W) θJC(oC/W)
SOIC Package (Note 1) . . . . . . . . . . . . . .
95 . . N/A
QFN Package (Note 2, 3). . . . . . . . . . . . . .
45 . . 7
Maximum Junction Temperature
(Plastic Package) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . -65oC to 150oC
Maximum Lead Temperature
(Soldering 10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
IVCC
UGATE and LGATE Open
2.6
3.2
3.8
mA
POWER-ON RESET
Rising VCC POR Threshold
POR
4.19
4.30
4.5
V
VCC POR Threshold Hysteresis
-0.25
-
V
OSCILLATOR
Frequency
fOSC
ISL6520C, VCC = 5V
250
300
340
kHz
ISL6520I, VCC = 5V
230
300
340
kHz
Ramp Amplitude
∆VOSC
-1.5
-
VP-P
REFERENCE
Reference Voltage Tolerance
ISL6520C
-1.5
-
+1.5
%
ISL6520I
-2.5
+2.5
%
Nominal Reference Voltage
VREF
-0.800
-
V
ERROR AMPLIFIER
DC Gain
Guaranteed By Design
-
88
-
dB
Gain-Bandwidth Product
GBWP
-
15
-
MHz
Slew Rate
SR
-
8
-
V/
µs
GATE DRIVERS
Upper Gate Source Current
IUGATE-SRC
--1-
A
Upper Gate Sink Current
IUGATE-SNK
-1-
A
Lower Gate Source Current
ILGATE-SRC
--1-
A
Lower Gate Sink Current
ILGATE-SNK
-2-
A
PROTECTION / DISABLE
OCSET Current Source
IOCSET
ISL6520C
17
20
22
µA
ISL6520I
14
20
24
µA
Disable Threshold
VDISABLE
-0.8
-
V
ISL6520


Similar Part No. - ISL6520IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520IB INTERSIL-ISL6520IB Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6520IB RENESAS-ISL6520IB Datasheet
718Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520IBZ INTERSIL-ISL6520IBZ Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6520IBZ RENESAS-ISL6520IBZ Datasheet
718Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6520IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com