Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6524ACB Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6524ACB
Description  VRM8.5 PWM and Triple Linear Power System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6524ACB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6524ACB Datasheet HTML 6Page - Intersil Corporation ISL6524ACB Datasheet HTML 7Page - Intersil Corporation ISL6524ACB Datasheet HTML 8Page - Intersil Corporation ISL6524ACB Datasheet HTML 9Page - Intersil Corporation ISL6524ACB Datasheet HTML 10Page - Intersil Corporation ISL6524ACB Datasheet HTML 11Page - Intersil Corporation ISL6524ACB Datasheet HTML 12Page - Intersil Corporation ISL6524ACB Datasheet HTML 13Page - Intersil Corporation ISL6524ACB Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN9064.1
April 8, 2005
Application Guidelines
Soft-Start Interval
Initially, the soft-start function clamps the error amplifier’s output
of the PWM converter. This generates PHASE pulses of
increasing width that charge the output capacitor(s). The
resulting output voltages start-up as shown in Figure 6.
The soft-start function controls the output voltage rate of rise
to limit the current surge at start-up. The soft-start interval
and the surge current are programmed by the soft-start
capacitor, CSS. Programming a faster soft-start interval
increases the peak surge current. Using the recommended
0.1
µF soft start capacitors ensure all output voltages ramp
up to their set values in a quick and controlled fashion, while
meeting the system timing requirements.
Shutdown
The PWM output does not switch until the soft-start voltage
(VSS13) exceeds the oscillator’s valley voltage. Additionally,
the reference on each linear’s amplifier is clamped to the
soft-start voltage. Holding the SS24 pin low (with an open
drain or open collector signal) turns off regulators 1, 2 and 3.
Regulator 4 (MCH) will simply drop its output to the
intermediate soft-start level. This output is not allowed to
violate the 2V maximum potential gap to the ATX 3.3V
output.
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting
impedances and parasitic circuit elements. The voltage
spikes can degrade efficiency, radiate noise into the circuit,
and lead to device over-voltage stress. Careful component
layout and printed circuit design minimizes the voltage
spikes in the converter. Consider, as an example, the turn-off
transition of the upper MOSFET. Prior to turn-off, the upper
MOSFET was carrying the full load current. During the turn-
off, current stops flowing in the upper MOSFET and is picked
up by the lower MOSFET or Schottky diode. Any inductance
in the switched current path generates a large voltage spike
during the switching interval. Careful component selection,
tight layout of the critical components, and short, wide circuit
traces minimize the magnitude of voltage spikes.
There are two sets of critical components in a DC-DC
converter using an ISL6524A controller. The switching
power components are the most critical because they switch
large amounts of energy, and as such, they tend to generate
equally large amounts of noise. The critical small signal
components are those connected to sensitive nodes or
those supplying critical bypass current.
The power components and the controller IC should be
placed first. Locate the input capacitors, especially the high-
frequency ceramic de-coupling capacitors, close to the
power switches. Locate the output inductor and output
capacitors between the MOSFETs and the load. Locate the
PWM controller close to the MOSFETs.
The critical small signal components include the bypass
capacitor for VCC and the soft-start capacitor, CSS. Locate
these components close to their connecting pins on the
control IC. Minimize any leakage current paths from any SS
node, since the internal current source is only 28
µA.
A multi-layer printed circuit board is recommended. Figure
10 shows the connections of the critical components in the
converter. Note that the capacitors CIN and COUT each
could represent numerous physical capacitors. Dedicate one
solid layer for a ground plane and make all critical
TABLE 1. OUT1 OUTPUT VOLTAGE PROGRAM
PIN NAME
NOMINAL
DACOUT
VOLTAGE
VID3
VID2
VID1
VID0
VID25
01000
1.050
01000
1.050
01001
1.075
00110
1.100
00111
1.125
00100
1.150
00101
1.175
00010
1.200
00011
1.225
00000
1.250
00001
1.275
11110
1.300
11111
1.325
11100
1.350
11101
1.375
11010
1.400
11011
1.425
11000
1.450
11001
1.475
10110
1.500
10111
1.525
10100
1.550
10101
1.575
10010
1.600
10011
1.625
10000
1.650
10001
1.675
01110
1.700
01111
1.725
01100
1.750
01101
1.775
01010
1.800
01011
1.825
NOTE: 0 = connected to GND, 1 = open or connected to 3.3V
through pull-up resistors


Similar Part No. - ISL6524ACB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6524ACB RENESAS-ISL6524ACB Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
ISL6524ACBZ RENESAS-ISL6524ACBZ Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
ISL6524ACBZA-T RENESAS-ISL6524ACBZA-T Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
More results

Similar Description - ISL6524ACB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524 INTERSIL-ISL6524 Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Renesas Technology Corp
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Intersil Corporation
ISL6523A INTERSIL-ISL6523A Datasheet
408Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
ISL6523 INTERSIL-ISL6523 Datasheet
498Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
List of Unclassifed Man...
RT9238 ETC-RT9238 Datasheet
434Kb / 24P
   VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com