Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6522ACRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6522ACRZ
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522ACRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6522ACRZ Datasheet HTML 4Page - Intersil Corporation ISL6522ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6522ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6522ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6522ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6522ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6522ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6522ACRZ Datasheet HTML 11Page - Intersil Corporation ISL6522ACRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN9122.2
April 13, 2005
Feedback Compensation
Figure 7 highlights the voltage-mode control loop for a
synchronous rectified buck converter. The output voltage
(VOUT) is regulated to the reference voltage level. The error
amplifier (error amp) output (VE/A) is compared with the
oscillator (OSC) triangular wave to provide a pulse-width
modulated (PWM) wave with an amplitude of VIN at the
PHASE node. The PWM wave is smoothed by the output filter
(LO and CO).
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
gain and the output filter (LO and CO), with a double pole
break frequency at FLC and a zero at FESR. The DC gain of
the modulator is simply the input voltage (VIN) divided by the
peak-to-peak oscillator voltage
∆VOSC.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the ISL6522A) and the impedance networks ZIN
and ZFB. The goal of the compensation network is to provide
a closed loop transfer function with the highest 0dB crossing
frequency (f0dB) and adequate phase margin. Phase margin
is the difference between the closed loop phase at f0dB and
180 degrees
. The equations below relate the compensation
network’s poles, zeros and gain to the components (R1, R2,
R3, C1, C2, and C3) in Figure 8. Use these guidelines for
locating the poles and zeros of the compensation network:
Compensation Break Frequency Equations
1. Pick Gain (R2/R1) for desired converter bandwidth
2. Place 1ST Zero Below Filter’s Double Pole
(~75% FLC)
3. Place 2ND Zero at Filter’s Double Pole
4. Place 1ST Pole at the ESR Zero
5. Place 2ND Pole at Half the Switching Frequency
6. Check Gain against Error Amplifier’s Open-Loop Gain
7. Estimate Phase Margin - Repeat if Necessary
Figure 8 shows an asymptotic plot of the DC-DC converter’s
gain vs. frequency. The actual modulator gain has a high gain
peak due to the high Q factor of the output filter and is not
shown in Figure 8. Using the above guidelines should give a
compensation gain similar to the curve plotted. The open loop
error amplifier gain bounds the compensation gain. Check the
compensation gain at FP2 with the capabilities of the error
amplifier. The closed loop gain is constructed on the log-log
graph of Figure 8 by adding the modulator gain (in dB) to the
compensation gain (in dB). This is equivalent to multiplying
the modulator transfer function to the compensation transfer
function and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45
degrees. Include worst case component variations when
determining phase margin.
FIGURE 6. PRINTED CIRCUIT BOARD SMALL SIGNAL
LAYOUT GUIDELINES
+12V
ISL6522A
SS
GND
VCC
BOOT
D1
LO
CO
VOUT
Q1
Q2
PHASE
+VIN
CBOOT
CVCC
CSS
FLC
1
2
π
LO CO
---------------------------------------
=
FESR
1
2
π
ESR CO
()
---------------------------------------------
=
FZ1
1
2
π R
• 2C1
----------------------------------
=
FZ2
1
2
π
R1 R3
+
() C3
------------------------------------------------------
=
FP1
1
2
π R2
C1 C2
C1 C2
+
----------------------


-------------------------------------------------------
=
FP2 =
1
2
π R3 C3
----------------------------------
FIGURE 7. VOLTAGE - MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
OSC
REFERENCE
LO
CO
ESR
VIN
∆V
OSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
-
REF
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
ISL6522A
ZIN
COMPARATOR
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
ZFB
+
ISL6522A


Similar Part No. - ISL6522ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6522ACRZ RENESAS-ISL6522ACRZ Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com