Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALN2045R2 Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # ALN2045R2
Description  Internally Matched LNA Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2045R2 Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

  ALN2045R2_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2045R2_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2045R2_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2045R2_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ALN2045R2_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ALN2045R2_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6/6
www.asb.co.kr
November 2008
plerowTM ALN2045R2
Internally Matched LNA Module
1) The tantal capacitor is optional and for bypassing the AC noise introduced from the DC supply.
The capacitance value may be determined by customer
’s DC supply status.
2) So-called DC blocking capacitors are always necessarily placed at the input and output port
for allowing only the RF signal to pass and blocking the DC component in the signal. The DC
blocking capacitors are included inside the LNA module. Therefore, C1 & C2 capacitors may
not be necessary, but can be added just in case that the customer wants. The value of C1 &
C2 is determined by considering the application frequency.
Application Circuit
Recommended Soldering Reflow Process
Evaluation Board Layout
+
-
ALN
OUT
IN
C1
C2
Tantal
Capacitor
V DC
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3˚C/sec)
Ramp-down
(6
C/sec)
Size 25 x 25mm
IN
OUT
(for ALN-R Series
– 10x10mm)
+Vcc


Similar Part No. - ALN2045R2_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN2045R2 ASB-ALN2045R2_17 Datasheet
519Kb / 6P
   Internally Matched LNA Module
June 2017
More results

Similar Description - ALN2045R2_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
ALN2047 ASB-ALN2047_13 Datasheet
620Kb / 3P
   Internally Matched LNA Module
November 2008
ALN2332 ASB-ALN2332_13 Datasheet
727Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1880AT ASB-ALN1880AT_13 Datasheet
474Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1945T2 ASB-ALN1945T2_13 Datasheet
618Kb / 3P
   Internally Matched LNA Module
December 2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com