Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6523A Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6523A
Description  VRM8.5 Dual PWM and Dual Linear Power System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6523A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6523A Datasheet HTML 3Page - Intersil Corporation ISL6523A Datasheet HTML 4Page - Intersil Corporation ISL6523A Datasheet HTML 5Page - Intersil Corporation ISL6523A Datasheet HTML 6Page - Intersil Corporation ISL6523A Datasheet HTML 7Page - Intersil Corporation ISL6523A Datasheet HTML 8Page - Intersil Corporation ISL6523A Datasheet HTML 9Page - Intersil Corporation ISL6523A Datasheet HTML 10Page - Intersil Corporation ISL6523A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Soft-Start
The 1.8V supply designed to power the chipset (OUT4), cannot
lag the ATX 3.3V by more than 2V, at any time. To meet this
special requirement, the linear block controlling this output
operates independently of the chip’s power-on reset. Thus,
DRIVE4 is driven to raise the OUT4 voltage before the input
supplies reach their POR levels. As seen in Figure 5, at time T0
the power is turned on and the input supplies ramp up.
Immediately following, OUT4 is also ramped up, lagging the
ATX 3.3V by about 1.8V. At time T1, the POR function initiates
the SS24 soft-start sequence. Initially, the voltage on the SS24
pin rapidly increases to approximately 1V (this minimizes the
soft-start interval). Then, an internal 28
µA current source
charges an external capacitor (CSS24) on the SS24 pin to
about 4.5V. As the SS24 voltage increases, the PWM2 error
amplifier allows generation of PHASE pulses of increasing
width that charge the output capacitor(s), providing a smooth
transition to the final set voltage. The OUT4 reference (clamped
to SS24) increasing past the intermediary level, established
based on the ATX 3.3V presence at the VAUX pin, brings the
output in regulation soon after T2.
As OUT2 increases past the 90% power-good level, the second
soft-start (SS13) is released. Between T2 and T3, the SS13
pin voltage ramps from 0V to the valley of the oscillator’s
triangle wave (at 1.25V). Contingent upon OUT2 remaining
above 1.08V, the first PWM pulse on PHASE1 triggers the
VTTPG pin to go high. The oscillator’s triangular wave form
is compared to the clamped error amplifier output voltage.
As the SS13 pin voltage increases, the pulse-width on the
PHASE1 pin increases, bringing the OUT1 output within
regulation limits. Similarly, the SS13 voltage clamps the
reference voltage for OUT3, enabling a controlled output
voltage ramp-up. At time T4, all output voltages are within
power-good limits, situation reported by the PGOOD pin
going high.
The T2 to T3 time interval is dependent upon the value of
CSS13. The same capacitor is also responsible for the ramp-
up time of the OUT1 and OUT3 voltages. If selecting a
different capacitor then recommended in the circuit application
literature, consider the effects the different value will have on
the ramp-up time and inrush currents of the OUT1 and OUT3
outputs.
Fault Protection
All four outputs are monitored and protected against extreme
overload. The chip’s response to an output overload is
selective, depending on the faulting output.
An overvoltage on VOUT1 output (VSEN1) disables outputs
1, 2, and 3, and latches the IC off. An under-voltage on
VOUT4 output latches the IC off. A single overcurrent event
on outputs 1 or 2, or an under-voltage event on output 3,
increments the respective fault counter and triggers a
shutdown of outputs 1, 2, and 3, followed by a soft-start re-
start. After three consecutive fault events on either counter,
the chip is latched off. Removal of bias power resets both the
fault latch and the counters. Both counters are also reset by
a successful start-up of all the outputs.
Figure 6 shows a simplified schematic of the fault logic. The
overcurrent latches are set dependent upon the states of the
overcurrent (OC1 and OC2), output 3 under-voltage (UV3)
FIGURE 5. SOFT-START INTERVAL
0V
10V
0V
TIME
PGOOD
SS13
VOUT2 (1.2V)
VOUT4 (1.8V)
T1
T2
T4
T0
T5
3.0V
VOUT1 (1.65V)
VOUT3 (1.5V)
VTTPG
SS24
ATX 3.3V
ATX 5V
ATX 12V
T3
FAULT
LATCH
S
R
Q
POR
COUNTER
OC1
UV4
OC2
UV3
4V
SS13
FAULT
R
FIGURE 6. FAULT LOGIC - SIMPLIFIED SCHEMATIC
SS13UP
OC
LATCH
INHIBIT1,2,3
S
R
Q
OV
4V
0.8V
SS24
SS24UP
Q
SSDOWN
COUNTER
S
R
Q
OC
LATCH
R
ISL6523A


Similar Part No. - ISL6523A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6523 INTERSIL-ISL6523 Datasheet
498Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Intersil Corporation
ISL6523CB INTERSIL-ISL6523CB Datasheet
498Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Renesas Technology Corp
ISL6523CB RENESAS-ISL6523CB Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Intersil Corporation
ISL6523CB-T INTERSIL-ISL6523CB-T Datasheet
498Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
More results

Similar Description - ISL6523A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Intersil Corporation
ISL6523 INTERSIL-ISL6523 Datasheet
498Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Renesas Technology Corp
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524 INTERSIL-ISL6524 Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
ISL6524A INTERSIL-ISL6524A Datasheet
453Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Renesas Technology Corp
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
List of Unclassifed Man...
RT9229 ETC1-RT9229 Datasheet
219Kb / 10P
   Advaced Dual PWM and Dual Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com