Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6522ACB Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6522ACB
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522ACB Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6522ACB Datasheet HTML 1Page - Intersil Corporation ISL6522ACB Datasheet HTML 2Page - Intersil Corporation ISL6522ACB Datasheet HTML 3Page - Intersil Corporation ISL6522ACB Datasheet HTML 4Page - Intersil Corporation ISL6522ACB Datasheet HTML 5Page - Intersil Corporation ISL6522ACB Datasheet HTML 6Page - Intersil Corporation ISL6522ACB Datasheet HTML 7Page - Intersil Corporation ISL6522ACB Datasheet HTML 8Page - Intersil Corporation ISL6522ACB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN9122.2
April 13, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +15.0V
Boot Voltage, VBOOT - VPHASE . . . . . . . . . . . . . . . . . . . . . . +15.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Recommended Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . +12V ±10%
Ambient Temperature Range, ISL6522AC. . . . . . . . . . 25°C to 70°C
Junction Temperature Range, ISL6522AC . . . . . . . . . 0°C to 125°C
Thermal Resistance
θJA(°C/W) θJC(°C/W)
QFN Package (Notes 1, 2). . . . . . . . . .
36
5
SOIC Package (Note 1) . . . . . . . . . . . .
65
N/A
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. SeeTech
Brief TB379.
2. For
θJC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
ICC
EN = VCC; UGATE and LGATE Open
-
5
-
mA
Shutdown Supply
EN = 0V
-
50
100
µA
POWER-ON RESET
Rising VCC Threshold
VOCSET = 4.5VDC
-
-
10.4
V
Falling VCC Threshold
VOCSET = 4.5VDC
8.1
-
-
V
Enable-Input Threshold Voltage
VOCSET = 4.5VDC
0.8
-
2.0
V
Rising VOCSET Threshold
-1.27-
V
OSCILLATOR
Free Running Frequency
RT = OPEN, VCC = 12
175
200
230
kHz
Total Variation
6k
Ω < RT to GND < 200kΩ
-20
-
+20
%
Ramp Amplitude
∆VOSC
RT = OPEN
-
1.9
-
VP-P
REFERENCE
Reference Voltage Tolerance
VREF
-0.5
-
0.5
%
Reference Voltage
-0.800
-
V
ERROR AMPLIFIER
DC Gain
-88-
dB
Gain-Bandwidth Product
GBW
-
15
-
MHz
Slew Rate
SR
COMP = 10pF
-
6
-
V/
µs
GATE DRIVERS
Upper Gate Source
IUGATE
VBOOT - VPHASE = 12V, VUGATE = 6V
350
500
-
mA
Upper Gate Sink
RUGATE
ILGATE = 0.3A
-
5.5
10
Lower Gate Source
ILGATE
VCC = 12V, VLGATE = 6V
300
450
-
mA
Lower Gate Sink
RLGATE
ILGATE = 0.3A
-
3.5
6.5
PROTECTION
OCSET Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
Soft-Start Current
ISS
-10-
µA
ISL6522A


Similar Part No. - ISL6522ACB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6522ACB RENESAS-ISL6522ACB Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522ACBZ RENESAS-ISL6522ACBZ Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com