Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALN1951 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1951
Description  Internally Matched LNA Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1951 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1951_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1951_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1951_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1951_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
November 2008
plerowTM ALN1951
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-22.46
-11.55
26.80
0.05
0.664
19.02
28.18
48
4.6
-22.73
-11.37
27.01
0.06
0.656
19.38
29.04
52
4.7
-22.96
-11.22
27.18
0.06
0.653
19.69
30.25
56
4.8
-23.19
-11.09
27.31
0.06
0.651
20.05
31.14
60
4.9
-23.24
-10.98
27.43
0.07
0.655
20.42
31.94
65
5.0
-23.43
-10.87
27.53
0.07
0.657
20.75
33.32
69
5.1
-23.60
-10.82
27.58
0.07
0.655
21.18
34.00
74
5.2
-23.72
--10.75
27.64
0.07
0.670
21.57
35.01
78
5.3
-23.86
-10.63
27.74
0.07
0.671
21.76
35.92
83
5.4
-23.78
-10.58
27.82
0.07
0.671
22.08
36.50
88
5.5
-23.90
-10.51
27.88
0.06
0.666
22.42
36.81
93
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-23.84
-10.73
27.97
0.07
0.420
20.86
31.71
63
- 20
C
-24.07
-10.79
27.85
0.07
0.565
20.82
32.29
65
0
C
-24.06
-10.87
27.63
0.07
0.576
20.90
32.85
67
25
C
-24.03
-10.83
27.48
0.08
0.657
21.07
33.82
69
40
C
-23.56
-10.95
27.30
0.08
0.687
20.93
33.78
71
60
C
-23.29
-11.11
27.09
0.08
0.754
20.76
33.82
73
80
C
-22.39
-11.22
26.84
0.08
0.879
20.56
33.54
75
100
C
-22.04
-11.23
26.74
0.07
0.947
20.16
33.12
76
RF Performance with Voltage Change
RF Performance with Operating Temperature


Similar Part No. - ALN1951_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN1951 ASB-ALN1951_17 Datasheet
365Kb / 4P
   Internally Matched LNA Module
June 2017
More results

Similar Description - ALN1951_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
ALN2047 ASB-ALN2047_13 Datasheet
620Kb / 3P
   Internally Matched LNA Module
November 2008
ALN2332 ASB-ALN2332_13 Datasheet
727Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1880AT ASB-ALN1880AT_13 Datasheet
474Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1945T2 ASB-ALN1945T2_13 Datasheet
618Kb / 3P
   Internally Matched LNA Module
December 2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com