Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6431CB Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6431CB
Description  Advanced Pulse-Width Modulation (PWM) Controller for Home Gateways
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6431CB Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6431CB Datasheet HTML 1Page - Intersil Corporation ISL6431CB Datasheet HTML 2Page - Intersil Corporation ISL6431CB Datasheet HTML 3Page - Intersil Corporation ISL6431CB Datasheet HTML 4Page - Intersil Corporation ISL6431CB Datasheet HTML 5Page - Intersil Corporation ISL6431CB Datasheet HTML 6Page - Intersil Corporation ISL6431CB Datasheet HTML 7Page - Intersil Corporation ISL6431CB Datasheet HTML 8Page - Intersil Corporation ISL6431CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC .. ... .. .. .. .. .. .. .. .. .. ... .. .. ..+6.0V
Absolute Boot Voltage, VBOOT .. .. .. .. .. .. .. .. . . . . . ..+15.0V
Upper Driver Supply Voltage, VBOOT -VPHASE .. ... .. .. .. +6.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD Classification .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. . Class 2
Operating Conditions
Supply Voltage, VCC . . ... .. .. .. .. .. .. .. .. .. ... .. +5V±10%
Ambient Temperature Range . .. .. .. .. .. .. .. .. .. -40oCto 85oC
Junction Temperature Range.. .. .. .. .. .. .. .. .. -40oCto 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . . . . . . ... .. .. .. .. .. .. .. .. .. ..
100
Maximum Junction Temperature .. .. .. .. .. .. .. .. . . . . . . 150oC
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted VCC =5.0V±5% and TA =25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
IVCC
ISL6431CB; UGATE and LGATE Open
-
3.2
-
mA
ISL6431IB; UGATE and LGATE Open
2.5
3.2
3.8
mA
POWER-ON RESET
Rising VCC POR Threshold
POR
ISL6431CB
-
4.30
-
V
ISL6431IB
4.17
4.30
4.50
V
VCC POR Threshold
Hysteresis
ISL6431CB
-
0.20
-
V
ISL6431IB
0.01
0.20
0.85
V
OSCILLATOR
Frequency
fOSC
ISL6431CB; VCC = 5V
-
300
-
kHz
ISL6431IB; VCC = 5V
230
300
340
kHz
Ramp Amplitude
∆VOSC
ISL6431CB
-
1.5
-
VP-P
ISL6431IB
-
1.5
-
VP-P
REFERENCE
Reference Voltage Tolerance
ISL6431CB
-
-
1.5
%
ISL6431IB
-
-
1.5
%
Nominal Reference Voltage
VREF
ISL6431CB
-
0.800
-
V
ISL6431IB
-
0.800
-
V
ERROR AMPLIFIER
DC Gain
ISL6431CB
-
82
-
dB
ISL6431IB
-
82
-
dB
Gain-Bandwidth Product
GBWP
ISL6431CB
14
-
-
MHz
ISL6431IB
14
-
-
MHz
Slew Rate
SR
ISL6431CB; COMP = 10pF
-
8.0
-
V/
µs
ISL6431IB; COMP = 10pF
4.5
8.0
9.2
V/
µs
GATE DRIVERS
Upper Gate Source Current
IUGATE-SRC ISL6431CB; VBOOT -VPHASE =5V, VUGATE =4V
-
1.0
-
A
ISL6431IB; VBOOT -VPHASE =5V, VUGATE =4V
-
1.0
-
A
Upper Gate Sink Current
IUGATE-SNK
ISL6431CB
-
1.0
-
A
ISL6431IB
-
1.0
-
A
Lower Gate Source Current
ILGATE-SRC
ISL6431CB; VCC =5V, VLGATE =4V
-
1.0
-
A
ISL6431IB; VCC =5V, VLGATE =4V
-
1.0
-
A
ISL6431


Similar Part No. - ISL6431CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6431CB RENESAS-ISL6431CB Datasheet
613Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
More results

Similar Description - ISL6431CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6431A INTERSIL-ISL6431A Datasheet
215Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
logo
Renesas Technology Corp
ISL6431 RENESAS-ISL6431 Datasheet
613Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
ISL6431A RENESAS-ISL6431A Datasheet
614Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
ISL8130 RENESAS-ISL8130 Datasheet
1Mb / 23P
   Advanced Single Universal Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL8130 INTERSIL-ISL8130 Datasheet
1Mb / 24P
   Advanced Single Universal Pulse-Width Modulation (PWM) Controller
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6420B INTERSIL-ISL6420B Datasheet
536Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com