Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6414IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6414IRZ
Description  Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6414IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6414IRZ Datasheet HTML 1Page - Intersil Corporation ISL6414IRZ Datasheet HTML 2Page - Intersil Corporation ISL6414IRZ Datasheet HTML 3Page - Intersil Corporation ISL6414IRZ Datasheet HTML 4Page - Intersil Corporation ISL6414IRZ Datasheet HTML 5Page - Intersil Corporation ISL6414IRZ Datasheet HTML 6Page - Intersil Corporation ISL6414IRZ Datasheet HTML 7Page - Intersil Corporation ISL6414IRZ Datasheet HTML 8Page - Intersil Corporation ISL6414IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Output Voltage Noise
10Hz < f < 100kHz, IOUT = 10mA
COUT = 2.2µF-
65
-
µVRMS
COUT = 10µF-
60
-
µVRMS
LDO3 SPECIFICATIONS
Output Voltage (VOUT3)
-2.84
-
V
Output Voltage Accuracy
IOUT = 10mA
-1.5
-
1.5
%
Maximum Output Current (IOUT3) (Note 6)
VIN = 3.6V
200
-
-
mA
Output Current Limit (Note 6)
250
400
-
mA
Dropout Voltage (Note 4)
IOUT = 200mA
-
100
200
mV
Line Regulation
VIN = 3.0V to 3.6V, IOUT = 10mA
-0.15
0.0
0.15
%/V
Load Regulation
IOUT = 10mA to 200mA
-
0.2
1.0
%
Output Voltage Noise
10Hz < f < 100kHz, IOUT = 10mA
COUT = 2.2µF-
30
-
µVRMS
COUT = 10µF-
20
-
µVRMS
RESET BLOCK SPECIFICATIONS
RESET Threshold
2.564
2.630
2.696
V
RESET Threshold Hysteresis (Note 6)
6.3
-
-
mV
VIN to RESET Delay
VCC = VTH to VTH - 100mV
-
20
-
µs
RESET/RESET Active Timeout Period (Notes 5,6)
25
-
-
ms
FAULT
Rising Threshold
% of VOUT
5.0
5.5
6.0
%
Falling Threshold
% of VOUT
-5.0
-5.5
-5.0
%
NOTES:
4. Specifications at -40°C are guaranteed by design/characterization, not production tested.
5. The dropout voltage is defines as VIN - VOUT, when VOUT is 50mV below the value of VOUT for VIN = VOUT + 0.5V.
6. The RESET time is linear with CT at a slope of 2.5ms/nF. Thus, at 10nF (0.01
µF) the RESET time is 25ms; at 100nF (0.1µF) the RESET time
would be 250ms.
7. Guaranteed by design, not production tested.
8. LDO1 is guaranteed by design to be within regulation at 2.7V minimum input voltage.
Electrical Specifications
VIN = +3.3V, Compensation Capacitor = 33nF, TA = 25°C, Unless Otherwise Noted. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. LD02 DROPOUT VOLTAGE
FIGURE 2. LD03 DROPOUT VOLTAGE
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
0.00
0.05
0.10
0.15
0.20
0.25
0.30
IO (Amps)
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.080
0.090
0.100
0.00
0.05
0.10
0.15
IO (Amps)
0.30
ISL6414


Similar Part No. - ISL6414IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6414IRZ RENESAS-ISL6414IRZ Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IRZ-TK RENESAS-ISL6414IRZ-TK Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
More results

Similar Description - ISL6414IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6412 INTERSIL-ISL6412 Datasheet
182Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6412 INTERSIL-ISL6412_07 Datasheet
208Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Renesas Technology Corp
ISL6414 RENESAS-ISL6414 Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 RENESAS-ISL6411 Datasheet
609Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Nov 24, 2003
ISL6412 RENESAS-ISL6412 Datasheet
540Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6416 RENESAS-ISL6416 Datasheet
504Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Intersil Corporation
ISL6416 INTERSIL-ISL6416 Datasheet
160Kb / 3P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 INTERSIL-ISL6411 Datasheet
256Kb / 4P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com