Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6405ER-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6405ER-T
Description  Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6405ER-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6405ER-T Datasheet HTML 2Page - Intersil Corporation ISL6405ER-T Datasheet HTML 3Page - Intersil Corporation ISL6405ER-T Datasheet HTML 4Page - Intersil Corporation ISL6405ER-T Datasheet HTML 5Page - Intersil Corporation ISL6405ER-T Datasheet HTML 6Page - Intersil Corporation ISL6405ER-T Datasheet HTML 7Page - Intersil Corporation ISL6405ER-T Datasheet HTML 8Page - Intersil Corporation ISL6405ER-T Datasheet HTML 9Page - Intersil Corporation ISL6405ER-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
22kHz TONE SECTION
Tone Frequency
ftone
ENT1/2 = H
20.0
22.0
24.0
kHz
Tone Amplitude
Vtone
ENT1/2 = H
500
680
800
mV
Tone Duty Cycle
dctone
ENT1/2 = H
405060
%
Tone Rise or Fall Time
Tr, Tf
ENT1/2 = H
5
8
14
µs
LINEAR REGULATOR
Drop-out Voltage
Iout = 750mA (Note 8)
-
1.2
-
V
DSQIN PIN
DSQIN pin logic Low
-
-
1.5V
V
DSQIN pin Logic HIGH
3.0
-
-
V
DSQIN pin Input Current
-1-
µA
CURRENT SENSE
Pulse by Pulse Current Limit (max Vin)
150
200
250
mV
Input Bias Current
IBIAS
-
700
-
nA
Over Current Threshold
Static current mode, DCL = H
325
400
500
mV
ERROR AMPLIFIER
Open Loop Voltage Gain
AOL
(Note 8)
70
88
-
dB
Gain Bandwidth Product
GBP
(Note 8)
10
-
-
MHz
PWM
Maximum Duty Cycle
90
93
-
%
Minimum Pulse Width
(Note 8)
-
20
-
ns
OSCILLATOR
Oscillator Frequency
fo
Fixed at (10)(ftone)
200
220
240
kHz
Thermal Shutdown
Temperature Shutdown Threshold
(Note 8)
-
150
-
Temperature Shutdown Hysteresis
(Note 8)
-
20
-
NOTES:
6. Internal Digital Soft-start
7. VO1 for LNB1, VO2 for LNB2. Voltage programming signals VSEL1, VSEL2, LLC1, and LLC2 are implemented via the I2C bus.
IO1 = IO2 = 350mA/750mA.
8. Guaranteed by Design
Electrical Specifications
VCC = 12V, TA = -20oC to +85oC, unless otherwise noted. Typical values are at TA = 25oC. EN1 = EN2 = H,
LLC1 = LLC2 = L, ENT1 = ENT2 = L, DCL = L, DSQIN1 = DSQIN2 = L, Iout = 12mA, unless otherwise noted.
See software description section for I2C access to the system. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6405


Similar Part No. - ISL6405ER-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6405ERZ INTERSIL-ISL6405ERZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6405ERZ-T INTERSIL-ISL6405ERZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6405ER-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422 INTERSIL-ISL6422 Datasheet
304Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
394Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 INTERSIL-ISL6424 Datasheet
374Kb / 12P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422 RENESAS-ISL6422 Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com