Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LK1005R39M-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LK1005R39M-T
Description  Multilayer Chip Inductors (LK series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LK1005R39M-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LK1005R39M-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Multilayer Chip Inductors (LK series)
LK1005R39M-T
Features
Item Summary
0.39μH(±20%), 20mA, 0402
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 10000pcs
Products characteristics table
CaseSize (EIA/JIS)
0402/1005
Inductance
0.39μH(±20%)
Inductance Measuring Frequency
10MHz
Rated Current
20mA
DC Resistance (max)
0.41Ω
Self-resonant Frequency (min)
85MHz
Q (min)
20min
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1mm ±0.05
W
0.5mm ±0.05
H
0.5mm ±0.05
e
0.25mm ±0.10
2015.04.02
1 / 1


Similar Part No. - LK1005R39M-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LK1005R39M-T TAIYO-YUDEN-LK1005R39M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK1005R39M-T8 TAIYO-YUDEN-LK1005R39M-T8 Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LK series)
LK1005R39M-TV TAIYO-YUDEN-LK1005R39M-TV Datasheet
142Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R39M-TV TAIYO-YUDEN-LK1005R39M-TV Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (LK series)
LK1005R39M-TV TAIYO-YUDEN-LK1005R39M-TV_V01 Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (LK series)
More results

Similar Description - LK1005R39M-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LK1005R33M-T TAIYO-YUDEN-LK1005R33M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK16081R2M-T TAIYO-YUDEN-LK16081R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK2125R82K-T TAIYO-YUDEN-LK2125R82K-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK16083R3K-T TAIYO-YUDEN-LK16083R3K-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors (LK series)
LK2125100M-T TAIYO-YUDEN-LK2125100M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125120K-T TAIYO-YUDEN-LK2125120K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK1608120K-T TAIYO-YUDEN-LK1608120K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK21253R3K-T TAIYO-YUDEN-LK21253R3K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK21258R2K-T TAIYO-YUDEN-LK21258R2K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125R12K-T TAIYO-YUDEN-LK2125R12K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125R27M-T TAIYO-YUDEN-LK2125R27M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com