Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6414IR Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6414IR
Description  Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6414IR Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6414IR Datasheet HTML 1Page - Intersil Corporation ISL6414IR Datasheet HTML 2Page - Intersil Corporation ISL6414IR Datasheet HTML 3Page - Intersil Corporation ISL6414IR Datasheet HTML 4Page - Intersil Corporation ISL6414IR Datasheet HTML 5Page - Intersil Corporation ISL6414IR Datasheet HTML 6Page - Intersil Corporation ISL6414IR Datasheet HTML 7Page - Intersil Corporation ISL6414IR Datasheet HTML 8Page - Intersil Corporation ISL6414IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Absolute Maximum Ratings (Note 1)
Thermal Information
VIN, SHDN/SHDN3 to GND/GND3 . . . . . . . . . . . . . . . -7.0V to 7.0V
SET, CC, FAULT to GND/GND3 . . . . . . . . . . . . . . . . . -0.3V to 7.0V
Output Current (Continuous)
LDO1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA
LDO2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
LDO3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance (Typical Notes 2, 3)
θJA (°C/W) θJC (°C/W)
QFN Package. . . . . . . . . . . . . . . . . . . .
46
8.0
Maximum Junction Temperature (Plastic Package) . -55°C to 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
Operating Temperature Range . . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. All voltages are with respect to GND.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
VIN = +3.3V, Compensation Capacitor = 33nF, TA = 25°C, Unless Otherwise Noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL SPECIFICATIONS
VIN Voltage Range (Note 7)
3.0
3.3
3.6
V
Operating Supply Current
IOUT = 0mA
-
600
850
µA
Shutdown Supply Current
SHDN/SHDN3 = GND
-
5
15
µA
SHDN/SHDN3 Input Threshold
VIH, VIN = 3V to 3.6V
2.0
-
-
V
VIL, VIN = 3V to 3.6V
-
-
0.4
V
FAULT Output Low Voltage
ISINK = 2mA
-
-
0.25
V
Thermal Shutdown Temperature (Note 6)
145
150
160
°C
Thermal Shutdown Hysteresis
-
20
-
°C
Start-up Time
COUT = 10µF, VOUT = 90% of final
value
-
120
-
µs
Input Undervoltage Lockout (Note 6)
Rising 75mV Hysteresis
2.2
2.45
2.65
V
LDO1 SPECIFICATIONS
Output Voltage (VOUT1)
-1.8
-
V
Output Voltage Accuracy
IOUT = 10mA
-1.5
-
1.5
%
Line Regulation
VIN = 3.0V to 3.6V, IOUT = 10mA
-0.15
0.0
0.15
%/V
Load Regulation
IOUT = 10mA to 500mA
-1.5
-
1.5
%
Maximum Output Current (IOUT1) (Note 6)
500
-
-
mA
Output Current Limit (Note 6)
0.55
0.6
1.0
A
Output Voltage Noise
10Hz < f < 100kHz, COUT = 4.7µF,
IOUT = 50mA
-115
-
µVRMS
LDO2 SPECIFICATIONS
Output Voltage (VOUT2)
-2.84
-
V
Output Voltage Accuracy
IOUT = 10mA
-1.5
-
1.5
%
Maximum Output Current (IOUT2) (Note 6)
VIN = 3.6V
300
-
-
mA
Output Current Limit (Note 6)
330
770
-
mA
Dropout Voltage (Note 4)
IOUT = 300mA
-
125
220
mV
Line Regulation
VIN = 3.0V to 3.6V, IOUT = 10mA
-0.15
0.0
0.15
%/V
Load Regulation
IOUT = 10mA to 300mA
-
0.2
1.0
%
ISL6414


Similar Part No. - ISL6414IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6414IR RENESAS-ISL6414IR Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IR-T5K RENESAS-ISL6414IR-T5K Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IR-TK RENESAS-ISL6414IR-TK Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IRZ RENESAS-ISL6414IRZ Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IRZ-TK RENESAS-ISL6414IRZ-TK Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
More results

Similar Description - ISL6414IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6412 INTERSIL-ISL6412 Datasheet
182Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6412 INTERSIL-ISL6412_07 Datasheet
208Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Renesas Technology Corp
ISL6414 RENESAS-ISL6414 Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 RENESAS-ISL6411 Datasheet
609Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Nov 24, 2003
ISL6412 RENESAS-ISL6412 Datasheet
540Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6416 RENESAS-ISL6416 Datasheet
504Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Intersil Corporation
ISL6416 INTERSIL-ISL6416 Datasheet
160Kb / 3P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 INTERSIL-ISL6411 Datasheet
256Kb / 4P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com