Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6401IB Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6401IB
Description  Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6401IB Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6401IB Datasheet HTML 1Page - Intersil Corporation ISL6401IB Datasheet HTML 2Page - Intersil Corporation ISL6401IB Datasheet HTML 3Page - Intersil Corporation ISL6401IB Datasheet HTML 4Page - Intersil Corporation ISL6401IB Datasheet HTML 5Page - Intersil Corporation ISL6401IB Datasheet HTML 6Page - Intersil Corporation ISL6401IB Datasheet HTML 7Page - Intersil Corporation ISL6401IB Datasheet HTML 8Page - Intersil Corporation ISL6401IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN9007.7
April 13, 2005
Functional Block Diagram
Typical Application Schematic for 4 Line VoIP
NOTES:
3. C2 fit as close as possible to transformer.
4. T1 = IFLY0012 contacts: Coilcraft: (847) 516-7377 GCI Technology: (972) 423-8411 ext. 245
5. For custom specific designs or questions please contact Intersil at 1-888-INTERSIL or 321-724-7143.
OSC
SD
CT
SYNC
CS
FB
11
12
13
GATE
PVCC
PWRGND
S
RQ
CLK
R
Q
TFF
LEADING
EDGE
BLANKING
2
3
ILIM
+
-
SOFT-
START
CLK
ENPWM
LVC
POR
SOFT-START
VREF
ICLCOMP
ICSCOMP
UVLO
+
-
+
-
ERROR
AMP
CS
COMP
4
5
9
VCC
GND
VOLTAGE
REFERENCE
IBIAS
200K
1
14
10
VREF
+
-
NFB_IN
76
8
NC
NFB-OUT
NFB
AMP
VCC
9V TO
VIN
C1A-E
2.2
µF
35V
C2
1
µF
50V
0
0 0 000
C3
1
µF
16V
GND
+5V
VCC
±10%
+
0
0
0
R7
220
C8
330pF
D2
MUR5160T3
1
2
3
4
14
13
12
11
5
6
10
9
7
8
SD
SYNC
CT
COMP
FB
NFB
NFB_IN
VCC
PVCC
GATE
GNDP
GND
CS
NC
ISL6401
2
7
3
6
4
5
GND
+
C10A
330
µF
35V
D1
MUR5120T3
-24V,
-72V,
120mA
120mA
R4A
43.5K
IFLY0012
T1
SEC
VOUT1
VOUT2
R5
0.025
1W
R6
100
Q1
IRLR2905
C7
1000pF
C5
220pF
C6
0.027
µF
R1
20K
R2
10K
R3
1.24K
E
C4
560pF
20V
PRI
8
1
C9
100
µF
100V
C12
0.1
µF
C11
1
µF
R4B
143K
ISL6401


Similar Part No. - ISL6401IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6401 RENESAS-ISL6401 Datasheet
690Kb / 13P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
logo
Intersil Corporation
ISL6401 INTERSIL-ISL6401 Datasheet
332Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
ISL6401CB INTERSIL-ISL6401CB Datasheet
332Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
ISL6401CBZ INTERSIL-ISL6401CBZ Datasheet
332Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
logo
Renesas Technology Corp
ISL6401CBZ RENESAS-ISL6401CBZ Datasheet
690Kb / 13P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
More results

Similar Description - ISL6401IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6401 RENESAS-ISL6401 Datasheet
690Kb / 13P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
logo
Intersil Corporation
ISL6401CB INTERSIL-ISL6401CB Datasheet
332Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
   SUBSCRIBER LINE INTERFACE MODULE
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com