Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6207CBZA Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6207CBZA
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6207CBZA Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6207CBZA Datasheet HTML 1Page - Intersil Corporation ISL6207CBZA Datasheet HTML 2Page - Intersil Corporation ISL6207CBZA Datasheet HTML 3Page - Intersil Corporation ISL6207CBZA Datasheet HTML 4Page - Intersil Corporation ISL6207CBZA Datasheet HTML 5Page - Intersil Corporation ISL6207CBZA Datasheet HTML 6Page - Intersil Corporation ISL6207CBZA Datasheet HTML 7Page - Intersil Corporation ISL6207CBZA Datasheet HTML 8Page - Intersil Corporation ISL6207CBZA Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN9075.7
July 25, 2005
Functional Pin Description
UGATE (Pin 1 for SOIC-8, Pin 8 for QFN)
The UGATE pin is the upper gate drive output. Connect to
the gate of high-side power N-Channel MOSFET.
BOOT (Pin 2 for SOIC-8, Pin 1 for QFN)
BOOT is the floating bootstrap supply pin for the upper gate
drive. Connect the bootstrap capacitor between this pin and
the PHASE pin. The bootstrap capacitor provides the charge
to turn on the upper MOSFET. See the Bootstrap Diode and
Capacitor section under DESCRIPTION for guidance in
choosing the appropriate capacitor value.
PWM (Pin 3 for SOIC-8, Pin 2 for QFN)
The PWM signal is the control input for the driver. The PWM
signal can enter three distinct states during operation, see the
three-state PWM Input section under DESCRIPTION for further
details. Connect this pin to the PWM output of the controller. In
addition, place a 500k
Ω resistor to ground from this pin. This
allows for proper three-state operation under all start-up
conditions.
GND (Pin 4 for SOIC-8, Pin 3 for QFN)
GND is the ground pin. All signals are referenced to this node.
LGATE (Pin 5 for SOIC-8, Pin 4 for QFN)
LGATE is the lower gate drive output. Connect to gate of the
low-side power N-Channel MOSFET.
VCC (Pin 6 for SOIC-8, Pin 5 for QFN)
Connect the VCC pin to a +5V bias supply. Place a high
quality bypass capacitor from this pin to GND.
EN (Pin 7 for SOIC-8, Pin 6 for QFN)
EN is the enable input pin. Connect this pin to HIGH to
enable, and LOW to disable, the IC. When disabled, the IC
draws less than 1
µA bias current.
PHASE (Pin 8 for SOIC-8, Pin 7 for QFN)
Connect the PHASE pin to the source of the upper MOSFET
and the drain of the lower MOSFET. This pin provides a
return path for the upper gate driver.
Description
Operation
Designed for speed, the ISL6207 dual MOSFET driver
controls both high-side and low-side N-Channel FETs from
one externally provided PWM signal.
A rising edge on PWM initiates the turn-off of the lower
MOSFET (see Timing Diagram). After a short propagation
delay [tPDLLGATE], the lower gate begins to fall. Typical fall
times [tFLGATE] are provided in the Electrical Specifications
section. Adaptive shoot-through circuitry monitors the LGATE
voltage and determines the upper gate delay time
[tPDHUGATE], based on how quickly the LGATE voltage drops
below 1V. This prevents both the lower and upper MOSFETs
from conducting simultaneously, or shoot-through. Once this
delay period is completed, the upper gate drive begins to rise
[tRUGATE], and the upper MOSFET turns on.
UGATE Turn-On Propagation Delay
tPDHUGATE VVCC = 5V, Outputs Unloaded
10
20
30
ns
LGATE Turn-On Propagation Delay
tPDHLGATE VVCC = 5V, Outputs Unloaded
10
20
30
ns
OUTPUT
Upper Drive Source Resistance
RUGATE
500mA Source Current
-
1.0
2.5
-10°C to 85°C
-
1.0
2.2
Upper Driver Source Current (Note 5)
IUGATE
VUGATE-PHASE = 2.5V
-
2.0
-
A
Upper Drive Sink Resistance
RUGATE
500mA Sink Current
-
1.0
2.5
-10°C to 85°C
-
1.0
2.2
Upper Driver Sink Current (Note 5)
IUGATE
VUGATE-PHASE = 2.5V
-
2.0
-
A
Lower Drive Source Resistance
RLGATE
500mA Source Current
-
1.0
2.5
-10°C to 85°C
-
1.0
2.2
Lower Driver Source Current (Note 5)
ILGATE
VLGATE = 2.5V
-
2.0
-
A
Lower Drive Sink Resistance
RLGATE
500mA Sink Current
-
0.4
1.0
-10°C to 85°C
-
0.4
0.8
Lower Driver Sink Current (Note 5)
ILGATE
VLGATE = 2.5V
-
4.0
-
A
NOTE:
5. Guaranteed by characterization, not 100% tested in production.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6207


Similar Part No. - ISL6207CBZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6207CBZA RENESAS-ISL6207CBZA Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - ISL6207CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com