Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7129DN Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI7129DN
Description  P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI7129DN Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  SI7129DN Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI7129DN Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI7129DN Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI7129DN Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI7129DN Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd SI7129DN Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd SI7129DN Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd SI7129DN Datasheet HTML 8Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMD Type
www.kexin.com.cn
5
MOSFET
P-Channel MOSFET
SI7129DN (KI7129DN)
Typical Characterisitics
Current Derating
0
10
20
30
40
50
60
0
25
50
75
100
125
150
TC - CaseTemperature (°C)
Power, Junction-to-Case
0
15
30
45
60
75
0
25
50
75
100
125
150
TC - Case Temperature (ºC)
Power, Junction-to-Ambient
0
0.5
1
1.5
2
0
25
50
75
100
125
150
TA - Ambient Temperature (ºC)


Similar Part No. - SI7129DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI7129DN-T1-GE3 VISHAY-SI7129DN-T1-GE3 Datasheet
570Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI7129DN-T1-GE3 VISHAY-SI7129DN-T1-GE3 Datasheet
609Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7129DN VISHAY-SI7129DN_V01 Datasheet
609Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7129DN

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com