Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6225CAZA-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6225CAZA-T
Description  Dual Mobile-Friendly PWM Controller with DDR Memory Option
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6225CAZA-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6225CAZA-T Datasheet HTML 1Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 2Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 3Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 4Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 5Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 6Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 7Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 8Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
ISL6225
Dual Mobile-Friendly PWM Controller with
DDR Memory Option
The ISL6225 dual PWM controller delivers high efficiency and
tight regulation from two voltage regulating synchronous buck
DC/DC converters. The ISL6225 PWM power supply controller
was designed especially for DDR DRAM, SDRAM, and graphic
chipset applications in high performance desknote PCs,
notebook PCs, sub-notebook PCs, and PDAs.
Automatic mode selection of constant-frequency synchronous
rectification at heavy load, and hysteretic diode-emulation at
light load, assure high efficiency over a wide range of
conditions. The hysteretic mode of operation can be disabled
separately on each PWM converter if constant-frequency
continuous-conduction operation is desired for all load levels.
Efficiency is further enhanced by using the lower MOSFET
rDS(ON) as the current sense element.
Voltage-feed-forward ramp modulation, average current mode
control, and internal feedback compensation provide fast
response to input voltage and output load transients. Input
current ripple is minimized by channel to channel PWM
phase shift of 0°, 90°, or 180° determined by input voltage
and status of the DDR pin.
The ISL6225 can control two independent output voltages
adjustable from 0.9V to 5.5V or, by activating the DDR pin,
transform into a complete DDR memory power supply
solution. In DDR mode, CH2 output voltage VTT tracks CH1
output voltage VDDQ. CH2 output can both source and sink
current, an essential power supply feature for DDR memory
systems. The reference voltage VREF required by DDR
memory is generated as well.
In dual power supply applications the ISL6225 monitors the
output voltage of both CH1 and CH2. An independent
PGOOD (power good) signal is asserted for each channel
after the soft-start sequence has completed, and the output
voltage is within ±10% of the set point. In DDR mode CH1
generates the only PGOOD signal.
Built-in overvoltage protection prevents the output from
going above 115% of the set point by holding the lower
MOSFET on and the upper MOSFET off. When the output
voltage decays below the overvoltage threshold, normal
operation automatically resumes. Once the soft-start
sequence has completed, under-voltage protection may
latch the ISL6225 off if either output drops below 75% of its
set point value.
Adjustable overcurrent protection (OCP) monitors the
voltage drop across the rDS(ON) of the lower MOSFET. If
more precise current-sensing is required, an external current
sense resistor may be used.
Features
• Provides regulated output voltage in the range of 0.9V-5.5V
- High efficiency over wide load range
- Synchronous buck converter with hysteretic operation at
light load
- Inhibit Hysteretic mode on one, or both channels
• Complete DDR memory power solution
- VTT tracks VDDQ/2
- VDDQ/2 buffered reference output
• No current-sense resistor required
- Uses MOSFET rDS(ON)
- Optional current-sense resistor for precision overcurrent
• Under-voltage lock-out on VCC pin
• Dual input voltage mode operation
- Operates directly from battery 5V to 24V input
- Operates from 3.3V or 5V system rail
- VCC from 5V only
• Excellent dynamic response
- Combined voltage feed-forward and average current
mode control
• Power-good signal for each channel
• 300kHz switching frequency
- 180° channel to channel phase operation for reduced input
ripple when not in DDR mode
- 0° channel to channel phase operation in DDR mode for
reduced channel interference
- 90° channel to channel phase operation for reduced input
ripple in DDR mode when VIN is at GND.
• Pb-Free Available (RoHS Compliant)
Applications
• Mobile PCs
•PDAs
• Hand-held portable instruments
Ordering Information
PART NUMBER
TEMP. (°C)
PACKAGE
PKG.
DWG. #
ISL6225CA
-10 to 85
28 Ld SSOP
M28.15
ISL6225CAZ (Note 1)
-10 to 85 28 Ld SSOP (Pb-free) M28.15
ISL6225CAZA (Note 1) -10 to 85 28 Ld SSOP (Pb-free) M28.15
NOTES:
1. Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
2. Add “-T” for Tape and Reel.
Data Sheet
December 28, 2004
FN9049.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
NOT RE
COMME
NDED F
OR NE
W DES
IGNS
RECOM
MENDE
D REPL
ACEME
NT:
ISL622
7 OR IS
L6539


Similar Part No. - ISL6225CAZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6225CAZA RENESAS-ISL6225CAZA Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results

Similar Description - ISL6225CAZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com