Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6225CAZA-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6225CAZA-T
Description  Dual Mobile-Friendly PWM Controller with DDR Memory Option
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6225CAZA-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6225CAZA-T Datasheet HTML 1Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 2Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 3Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 4Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 5Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 6Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 7Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 8Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN9049.7
December 28, 2004
PWM CONVERTERS
Load Regulation
0.0mA < IVOUT1 < 5.0A; 5.0V < VBATT < 24.0V
-2.0
-
+2.0
%
VSEN pin bias current
IVSEN
By design
50
80
120
nA
VOUT pin input impedance
IVOUT
VOUT = 5V
40
55
65
k
Undervoltage Shut-Down Level
VUVL
Fraction of the set point; ~2
µs noise filter
70
-
85
%
Overvoltage Shut-Down
VOVP1
Fraction of the set point; ~2
µs noise filter
110
-
130
%
GATE DRIVERS
Upper Drive Pull-Up Resistance
R2UGPUP
VCC = 4.5V
-
8
15
Upper Drive Pull-Down Resistance
R2UGPDN
VCC = 4.5V
-
3.2
5
Lower Drive Pull-Up Resistance
R2LGPUP
VCC = 4.5V
-
8
15
Lower Drive Pull-Down Resistance
R2LGPDN
VCC = 4.5V
-
1.8
3
POWER GOOD AND CONTROL FUNCTIONS
Power Good Lower Threshold
VPG-
Fraction of the set point; ~3
µs noise filter
-13
-
-7
%
Power Good Higher Threshold
VPG+
Fraction of the set point; ~3
µs noise filter.
Guaranteed by design.
12
-
16
%
PGOODx Leakage Current
IPGLKG
VPULLUP = 5.5V
-
-
1
µA
PGOODx Voltage Low
VPGOOD
IPGOOD = -4mA
-
0.5
0.85
V
EN - Low (Off)
--
0.8
V
EN - High (On)
2.5
-
-
V
CCM Enforced (Hysteretic Operation
Inhibited)
VOUTX pulled low
-
-
0.1
V
Automatic CCM/Hysteretic Operation Enabled
VOUTX connected to the output
0.9
-
-
V
DDR - Low (Off)
--
0.8
V
DDR - High (On)
2.5
-
-
V
DDR REF Output Voltage
VDDREF
DDR = 1, IREF = 0...10mA
0.99*
VOC2
VOC2
1.01*
VOC2
V
DDR REF Output Current
IDDREF
DDR = 1. Guaranteed by design.
-
10
16
mA
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6225


Similar Part No. - ISL6225CAZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6225CAZA RENESAS-ISL6225CAZA Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results

Similar Description - ISL6225CAZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com