Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6142IBZA-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6142IBZA-T
Description  Negative Voltage Hot Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142IBZA-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6142IBZA-T Datasheet HTML 1Page - Intersil Corporation ISL6142IBZA-T Datasheet HTML 2Page - Intersil Corporation ISL6142IBZA-T Datasheet HTML 3Page - Intersil Corporation ISL6142IBZA-T Datasheet HTML 4Page - Intersil Corporation ISL6142IBZA-T Datasheet HTML 5Page - Intersil Corporation ISL6142IBZA-T Datasheet HTML 6Page - Intersil Corporation ISL6142IBZA-T Datasheet HTML 7Page - Intersil Corporation ISL6142IBZA-T Datasheet HTML 8Page - Intersil Corporation ISL6142IBZA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
®
FN9086.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a registered trademark of Intersil Americas Inc.
Intellitrip™ is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, 2004, All Rights Reserved
ISL6142, ISL6152
Negative Voltage Hot Plug Controller
The ISL6142/52 are 14 pin, negative voltage hot plug controllers
that allow a board to be safely inserted and removed from a live
backplane. Inrush current is limited to a programmable value by
controlling the gate voltage of an external N-channel pass
transistor. The pass transistor is turned off if the input voltage is
less than the Under-Voltage threshold, or greater than the Over-
Voltage threshold. The PWRGD/PWRGD outputs can be used to
directly enable a power module. When the Gate and DRAIN
voltages are both considered good the output is latched in the
active state.
The IntelliTripTM electronic circuit breaker and programmable
current limit features protect the system against short circuits.
When the Over-Current threshold is exceeded, the output current
is limited for a time-out period before the circuit breaker trips and
shuts down the FET. The time-out period is programmable with an
external capacitor connected to the CT pin. If the fault disappears
before the programmed time-out, normal operation resumes. In
addition, the IntelliTripTM electronic circuit breaker has a fast Hard
Fault shutdown, with a threshold set at 4 times the Over-Current
trip point. When activated, the GATE is immediately turned off and
then slowly turned back on for a single retry.
The IS+, IS-, and ISOUT pins combine to provide a load current
monitor feature that presents a scaled version of the load current
at the ISOUT pin. Current to voltage conversion is accomplished
by placing a resistor (R9) from ISOUT to the negative input (-48V).
Related Literature
• ISL6142/52EVAL1 Board Set, Document AN1000
• ISL6140/50EVAL1 Board Set, Document AN9967
• ISL6140/41EVAL1 Board Set, Document AN1020
• ISL6141/51 Hot Plug Controller, Document FN9079
• ISL6141/51 Hot Plug Controller, Document FN9039
• ISL6116 Hot Plug Controller, Document FN4778
NOTE: See www.intersil.com/hotplug for more information.
Pinout
ISL6142 OR ISL6152 (14 LEAD SOIC)
Typical Application
Features
• Operates from -20V to -80V (-100V Absolute Max Rating)
• Programmable Inrush Current
• Programmable Time-Out
• Programmable Current Limit
• Programmable Over-Voltage Protection
• Programmable Under-Voltage Protection
- 135 mV of hysteresis ~4.7V of hysteresis at the power supply
•VDD Under-Voltage Lock-Out (UVLO) ~ 16.5V
• IntelliTripTM Electronic Circuit Breaker distinguishes between
severe and moderate faults
- Fast shutdown for short circuit faults with a single retry (fault
current > 4X current limit value).
•FAULT pin reports the occurrence of an Over-Current Time-Out
• Disable input controls GATE shutdown and resets Over-Current
fault latch
• Load Current Monitor Function
-ISOUT provides a scaled version of the load current
- A resistor from ISOUT to -VIN provides current to voltage
conversion
• Power Good Control Output
- Output latched “good” when DRAIN and GATE voltage
thresholds are met.
-(PWRGD active low: ISL6142 (L version)
- PWRGD active high: ISL6152 (H version)
• Pb-free available
Applications
• VoIP (Voice over Internet Protocol) Servers
• Telecom systems at -48V
• Negative Power Supply Control
• +24V Wireless Base Station Power
FAULT
OV
10
13
12
4
3
2
CT
PWRGD/PWRGD 1
VDD
14
GATE
9 IS+
8 SENSE
UV
5
IS-
6
VEE 7
11 DRAIN
ISL6142/52
Top View
DIS
ISOUT
ISL6142/ISL6152
VDD
UV
OV
VEE
SENSE GATE
DRAIN
PWRGD
R4
R5
R6
R1
R2
R3 C2
C1
Q1
CL
GND
GND
-48V IN
-48V OUT
RL
LOAD
CT
IS-
IS+
R8
R7
R9
C3
FAULT
DIS
ISOUT
Logic
Supply
R10
R6 = 10K
Ω (1%)
R7 = R8 = 400
Ω (1%)
R9 = 4.99K
Ω (1%)
R10 = 5.1K
Ω (10%)
C1 = 150nF (25V)
C2 = 3.3nF (100V)
C3 = 1500pF (25V)
Q1 = IRF530
CL = 100uF (100V)
R1 = 0.02
Ω (1%)
R2 = 10
Ω (5%)
R3 = 18K
Ω (5%)
R4 = 549K
Ω (1%)
R5 = 6.49K
Ω (1%)
RL = Equivalent load
PWRGD
Data Sheet
July 2004


Similar Part No. - ISL6142IBZA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL6142IBZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com