Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6141IBZA-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6141IBZA-T
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6141IBZA-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6141IBZA-T Datasheet HTML 5Page - Intersil Corporation ISL6141IBZA-T Datasheet HTML 6Page - Intersil Corporation ISL6141IBZA-T Datasheet HTML 7Page - Intersil Corporation ISL6141IBZA-T Datasheet HTML 8Page - Intersil Corporation ISL6141IBZA-T Datasheet HTML 9Page - Intersil Corporation ISL6141IBZA-T Datasheet HTML 10Page - Intersil Corporation ISL6141IBZA-T Datasheet HTML 11Page - Intersil Corporation ISL6141IBZA-T Datasheet HTML 12Page - Intersil Corporation ISL6141IBZA-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FIGURE 11. SUPPLY CURRENT VS TEMPERATURE, VDD = 80V
FIGURE 12. GATE VOLTAGE VS SUPPLY VOLTAGE
(25oC)
FIGURE 13. GATE VOLTAGE VS TEMPERATURE, VDD = 48V
FIGURE 14. GATE VOLTAGE VS TEMPERATURE, VDD = 80V
FIGURE 15. GATE VOLTAGE VS TEMPERATURE, VDD = 20V
FIGURE 16. GATE PULL-UP CURRENT VS TEMPERATURE
Typical Performance Curves (Continued)
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
-40
-20
0
20406080
100
Temperature (C)
0
2
4
6
8
10
12
14
16
10
20
30
40
50
60
70
80
100
Supply Voltage (VDD)
13.3
13.4
13.5
13.6
13.7
13.8
13.9
14
-40
-20
0
20
406080
100
Temperature (C)
13.4
13.5
13.6
13.7
13.8
13.9
14
-40
-20
0
20
40
60
80
100
Temperature (C)
13.4
13.5
13.6
13.7
13.8
13.9
14
-40
-20
0
204060
80
100
Temperature (C)
41
42
43
44
45
46
47
48
49
50
-40
-20
0
20
40
60
80
100
Temperature (C)
ISL6141, ISL6151


Similar Part No. - ISL6141IBZA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6141IBZA INTERSIL-ISL6141IBZA Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141IBZA RENESAS-ISL6141IBZA Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
More results

Similar Description - ISL6141IBZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com