Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6235 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6235
Description  Advanced Triple PWM Only Mode and Dual Linear Power Controller for Portable Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6235 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6235 Datasheet HTML 6Page - Intersil Corporation ISL6235 Datasheet HTML 7Page - Intersil Corporation ISL6235 Datasheet HTML 8Page - Intersil Corporation ISL6235 Datasheet HTML 9Page - Intersil Corporation ISL6235 Datasheet HTML 10Page - Intersil Corporation ISL6235 Datasheet HTML 11Page - Intersil Corporation ISL6235 Datasheet HTML 12Page - Intersil Corporation ISL6235 Datasheet HTML 13Page - Intersil Corporation ISL6235 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Use a mix of input bypass capacitors to control the voltage
ripple across the MOSFETs. Use ceramic capacitors for the
high frequency decoupling and bulk capacitors to supply the
RMS current. Small ceramic capacitors can be placed very
close to the upper MOSFET to suppress the voltage induced
in the parasitic circuit impedances.
For board designs that allow through-hole components, the
Sanyo OS-CONTM series offer low ESR and good
temperature performance.
For surface mount designs, solid tantalum capacitors can be
used, but caution must be exercised with regard to the
capacitor surge current rating. These capacitors must be
capable of handling the surge-current at power-up. The TPS
series available from AVX is surge current tested.
+12V Boost Converter Inductor Selection
The inductor value is chosen to provide the required output
power to the load.
where, Vinmin is the minimum input voltage, 4.9V; Dmax =
1/3, the maximum duty cycle; Ro is the minimum load
resistance; Vo is the nominal output voltage and F is the
switching frequency, 100kHz.
Or, for L in uH, the maximum output current is nominally:
+12V Boost Converter Output Capacitor Selection
The total capacitance on the 12V output should be chosen
appropriately, so that the output voltage will be higher than
the undervoltage limit (9V) when the 5V Main soft-start time
has elapsed. This will avoid triggering of the 12V
undervoltage protection.
The maximum value of the boost capacitor, Comax that will
charge to 9V in the soft start time, TSS, is shown below,
where L is the value of the boost inductor.
The output capacitor ESR and the boost inductor ripple
current determines the output voltage ripple. The ripple
voltage is given by:
and the maximum ripple current,
∆I
L, is given by:
where L is the boost inductor calculated above, 5V is the
boost input voltage and 3.3
µ is the maximum on time for the
boost MOSFET.
MOSFET Considerations
The logic level MOSFETs are chosen for optimum efficiency
given the potentially wide input voltage range and output
power requirements. Two N-channel MOSFETs are used in
each of the synchronous-rectified buck converters for the
PWM1 and PWM2 outputs. These MOSFETs should be
selected based upon rDS(ON) , gate supply requirements,
and thermal management considerations.
The power dissipation includes two loss components;
conduction loss and switching loss. These losses are
distributed between the upper and lower MOSFETs
according to duty cycle (see the following equations). The
conduction losses are the main component of power
dissipation for the lower MOSFETs. Only the upper
MOSFET has significant switching losses, since the lower
device turns on and off into near zero voltage.
The equations assume linear voltage-current transitions and
do not model power loss due to the reverse-recovery of the
lower MOSFET’s body diode. The gate-charge losses are
dissipated by the ISL6235 and do not heat the MOSFETs.
However, a large gate-charge increases the switching time,
tSW which increases the upper MOSFET switching losses.
Ensure that both MOSFETs are within their maximum
junction temperature at high ambient temperature by
calculating the temperature rise according to package
thermal-resistance specifications.
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
3.3V AND 5V LOAD CURRENT
012345
3.3V
OUT-OF-PHASE
5V
IN-PHASE
INPUT CAPACITANCE RMS CURRENT AT VIN = 10.8V
FIGURE 4.
INPUT RMS CURRENT VS LOAD
Lmax
Vinmin2
Dmax2
×
Ro
×
2Vo2
×
F
×
----------------------------------------------------------------
=
(EQ. 9)
Imax
13.88
LVo
×
-----------------
=
(EQ. 10)
Comax
Tss
L
---------- 0.115
µF
×
=
(EQ. 11)
V
RIPPLE
∆IL ESR
×
=
(EQ. 12)
∆IL
5V
L
------- 3.3
×µ
=
(EQ. 13)
P
UPPER
I
O
2
r
DS ON
()
×
V
OUT
×
V
IN
------------------------------------------------------------
I
O
V
IN
×
t
SW
×
F
S
×
2
----------------------------------------------------
+
=
P
LOWER
I
O
2
r
DS ON
()
×
V
IN
V
OUT
()
×
V
IN
---------------------------------------------------------------------------------
=
(EQ. 14)
ISL6235


Similar Part No. - ISL6235

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232CAZA INTERSIL-ISL6232CAZA Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232CAZA RENESAS-ISL6232CAZA Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232CAZA-T INTERSIL-ISL6232CAZA-T Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL6235

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Renesas Technology Corp
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Intersil Corporation
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable
ISL6226 INTERSIL-ISL6226 Datasheet
384Kb / 17P
   Advanced PWM and Linear Power Controller for Portable Applications
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com