Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6226CA Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6226CA
Description  Advanced PWM and Linear Power Controller for Portable Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6226CA Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6226CA Datasheet HTML 6Page - Intersil Corporation ISL6226CA Datasheet HTML 7Page - Intersil Corporation ISL6226CA Datasheet HTML 8Page - Intersil Corporation ISL6226CA Datasheet HTML 9Page - Intersil Corporation ISL6226CA Datasheet HTML 10Page - Intersil Corporation ISL6226CA Datasheet HTML 11Page - Intersil Corporation ISL6226CA Datasheet HTML 12Page - Intersil Corporation ISL6226CA Datasheet HTML 13Page - Intersil Corporation ISL6226CA Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
NOTE: Q1 can be either N-MOSFET, NPN or not use for 50 mA
GND
PGND
LGATE
UGATE
ISEN
PHASE
Q2
Q3
Q1
ISL6226
L2
+
+
C2
R4
C5
330
µF
2 x10
µF
1/2 FDS6982S
1x330
µF
1K
6.4
µH
(2A)
11
9
1
20
18
17
14
13
4
12
C5
0.15
µF
BOOT
PWMEN
3
2
5
C6
D1
19
1/2 FDS6982S
24
OCSET
23
VSEN
VOUT
R5
BAT54WT1
PGOODL
VCC
6
LINDR
LINEAR INPUT
8
R2
R3
R1
R8
C8
R7
VIN
21
PGOODP
LINEN
LINVS
LINCS2
LINCS1
16
C10
C11
SSLIN
SSPWM
PVCC
FPWM
22
15
10
7
Vout = 0.8V - 3.8V
3A
5V
R6
150K
FIGURE 5.
APPLICATION CIRCUIT FOR TWO STEP 300 kHz CONVERSION (MODE 2)
Vout = 0.9V - 0.93*VIN
200
ISL6226


Similar Part No. - ISL6226CA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6223CA INTERSIL-ISL6223CA Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223CA RENESAS-ISL6223CA Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6223CA-T INTERSIL-ISL6223CA-T Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - ISL6226CA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Renesas Technology Corp
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
logo
Intersil Corporation
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable
ISL6235 INTERSIL-ISL6235 Datasheet
441Kb / 14P
   Advanced Triple PWM Only Mode and Dual Linear Power Controller for Portable Applications
June 2001
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
   Advanced PWM and Linear Power Controller
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
   Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com