Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6224CAZA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6224CAZA
Description  Single Output Mobile-Friendly PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6224CAZA Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6224CAZA Datasheet HTML 1Page - Intersil Corporation ISL6224CAZA Datasheet HTML 2Page - Intersil Corporation ISL6224CAZA Datasheet HTML 3Page - Intersil Corporation ISL6224CAZA Datasheet HTML 4Page - Intersil Corporation ISL6224CAZA Datasheet HTML 5Page - Intersil Corporation ISL6224CAZA Datasheet HTML 6Page - Intersil Corporation ISL6224CAZA Datasheet HTML 7Page - Intersil Corporation ISL6224CAZA Datasheet HTML 8Page - Intersil Corporation ISL6224CAZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
ISL6224
Single Output Mobile-Friendly PWM
Controller
The ISL6224 provides power control and protection for a single,
adjustable output voltage required to power chip-sets and
memory banks in high-performance notebooks and PDAs. This
output voltage is adjustable in the range from 0.9-5.5V.
The hysteretic or PWM controller regulates the output
voltage from battery voltages ranging from 4V to 24V.
Synchronous rectification and hysteretic operation at light
loads contribute to a high efficiency over a wide range of
input voltages and loads. Efficiency is even further enhanced
by using MOSFET’s rDS(ON) as a current sense component.
Feed-forward ramp modulation, average current mode
control and internal feed-back compensation provide fast
and firm handling of transients when powering advanced
chip sets.
Two-stage conversion using system 5V voltage is possible at
a higher frequency (600kHz) to minimize the output filter size.
The ISL6224 monitors the output voltage. A PGOOD (power
good) signal is issued when soft-start is completed and the
output is within ±10% of the set point.
A built-in overvoltage protection prevents output voltage
from going above 120% of the set point. Undervoltage
protection latches the chip off when the output drops below
70% of its setting value after soft-start sequence is
completed. The PWM controller’s overcurrent circuitry
monitors the output current by sensing the voltage drop
across the lower MOSFET. If higher precision sense
technique is required, an optional external current-sense
resistor may be used.
Features
• Adjustable output voltgage: 0.9-5.5V
• High efficiency over wide load range
- Higher efficiency in hysteretic mode at light load
• Lossless current sense scheme
- Uses MOSFET’s rDS(ON)
- Optional current sense method higher precision
• Supply operation mode
- Wide VIN range: 4V-24V
- Single 5V system rail
• Input undervoltage lock-out on VCC pin(UVLO)
• Excellent dynamic response
- Combined voltage feed-forward and current mode
control
• Power-Good indicator
• 300/600kHz switching frequency
• Thermal shut-down
• Pb-Free Available (RoHS Compliant)
Applications
• Mobile PCs
• Graphic cards
• Hand-held portable instruments
Related Literature
• Application Note AN9983
Pinout
ISL6224 (SSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. (°C)
PACKAGE
PKG. DWG. #
ISL6224CA
-10 to 85
16 Ld SSOP
M16.15A
ISL6224CAZ
(Note 1)
-10 to 85
16 Ld SSOP
(Pb-free)
M16.15A
ISL6224CAZA
(Note 1)
-10 to 85
16 Ld SSOP
(Pb-free)
M16.15A
NOTE:
1. Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
2. Add “-T” for Tape and Reel.
EN
GND
ISEN
VCC
VSEN
LGATE
PGND
VIN
BOOT
UGATE
PHASE
PGOOD
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SOFT
OCSET
15
16
VOUT
FCCM
FN9042.7
Data Sheet
December 28, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6224CAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6224CAZ INTERSIL-ISL6224CAZ Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224CAZ RENESAS-ISL6224CAZ Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
More results

Similar Description - ISL6224CAZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com