Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6207HBZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6207HBZ-T
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6207HBZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6207HBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6207HBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6207HBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6207HBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6207HBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6207HBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6207HBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6207HBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6207HBZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN9075.7
July 25, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input Voltage (VEN, VPWM) . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
BOOT Voltage (VBOOT). . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 36V
BOOT to PHASE Voltage (VBOOT-PHASE) . . . . . . . . . . . -0.3V to 7V
PHASE Voltage . . . . . . . . . . . . . GND - 0.3V (DC) to VBOOT + 0.3V
. . . . . . . . . GND - 5V (<100ns Pulse Width, 10µJ) to VBOOT + 0.3V
UGATE Voltage . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT + 0.3V
. . . . . . .VPHASE - 4V (<200ns Pulse Width, 20µJ) to VBOOT + 0.3V
LGATE Voltage . . . . . . . . . . . . . . GND - 0.3V (DC) to VVCC + 0.3V
. . . . . . . . . . . GND - 2V (<100ns Pulse Width, 4µJ) to VVCC + 0.3V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to 125°C
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-10°C to 100°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . 125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 2) . . . . . . . . . . . .
110
N/A
QFN Package (Notes 3, 4). . . . . . . . . .
95
36
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The Phase Voltage is capable of withstanding -7V when the BOOT pin is at GND.
2.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
EN = LOW
-
-
5.0
µA
Bias Supply Current
IVCC
PWM pin floating, VVCC = 5V
-
30
-
µA
BOOTSTRAP DIODE
Forward Voltage
VF
VVCC = 5V, forward bias current = 2mA
0.45
0.60
0.65
V
PWM INPUT
Input Current
IPWM
VPWM = 5V
-
250
-
µA
VPWM = 0V
-
-250
-
µA
PWM Three-State Rising Threshold
VVCC = 5V
-
-
1.7
V
PWM Three-State Falling Threshold
VVCC = 5V
3.3
-
-
V
Three-State Shutdown Holdoff Time
VVCC = 5V, temperature = 25°C
-
300
-
ns
EN INPUT
EN LOW Threshold
1.0
-
-
V
EN HIGH Threshold
--
2.0
V
SWITCHING TIME
UGATE Rise Time (Note 5)
tRUGATE
VVCC = 5V, 3nF Load
-
8
-
ns
LGATE Rise Time (Note 5)
tRLGATE
VVCC = 5V, 3nF Load
-
8
-
ns
UGATE Fall Time (Note 5)
tFUGATE
VVCC = 5V, 3nF Load
-
8
-
ns
LGATE Fall Time (Note 5)
tFLGATE
VVCC = 5V, 3nF Load
-
4
-
ns
UGATE Turn-Off Propagation Delay
tPDLUGATE VVCC = 5V, Outputs Unloaded
-
18
-
ns
LGATE Turn-Off Propagation Delay
tPDLLGATE VVCC = 5V, Outputs Unloaded
-
15
-
ns
ISL6207


Similar Part No. - ISL6207HBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6207HBZ RENESAS-ISL6207HBZ Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - ISL6207HBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com