Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6804A-HF Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO6804A-HF
Description  Dual N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO6804A-HF Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  AO6804A-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO6804A-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO6804A-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO6804A-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Typical Characterisitics
0
5
10
15
20
25
0
1
2
3
4
5
VDS (Volts)
Figure 1: On-Region Characteristics
3V
4.5V
2V
1.8V
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
VGS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
VDS= 5V
-40°C
22
24
26
28
30
32
0
2
4
6
8
10
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
VGS= 4.5V
VGS= 2.5V
VGS= 3.1V
VGS= 4.0V
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
-40°C
0.6
0.8
1.0
1.2
1.4
1.6
-50 -25
0
25
50
75 100 125 150 175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
10
20
30
40
50
60
70
80
1
2
3
4
5
6
7
8
9
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
ID= 5.0A
25°C
125°C
-40°C
VGS=1.5V
VGS= 4.5V
ID= 5A
2.5V
Dual N-Channel MOSFET
AO6804A-HF (KO6804A-HF)


Similar Part No. - AO6804A-HF

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
   20V Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A KEXIN-AO6804A Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
More results

Similar Description - AO6804A-HF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com