Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6800 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO6800
Description  Dual N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO6800 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  AO6800 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO6800 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO6800 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO6800 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Dual N-Channel MOSFET
AO6800 (KO6800)
Features
VDS (V) = 30V
ID =3.4 A (VGS = 10V)
RDS(ON) < 60mΩ (VGS = 10V)
RDS(ON) < 70mΩ (VGS = 4.5V)
RDS(ON) < 90mΩ (VGS = 2.5V)
1
2
3
4
5
6
Unit: mm
0.15 +0.02
-0.02
SOT-23-6
(
)
+0.01
-0.01
+0.2
-0.1
0.4-0.1
+0.1
1 Gate1
2 Source2
3 Gate2
4 Drain2
5 Source1
6 Drain1
G1
D1
S1
G2
D2
S2
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
30
VGS
±
12
TA=25℃
3.4
TA=70℃
2.7
IDM
20
TA=25℃
1.15
TA=70℃
0.73
t ≤ 10s
110
Steady-State
150
RthJL
80
TJ
150
Tstg
-55 to 150
V
A
Pulsed Drain Current
Parameter
Continuous Drain Current
ID
Drain-Source Voltage
Gate-Source Voltage
Junction Temperature
Storage Temperature Range
PD
W
Power Dissipation
/W
Thermal Resistance.Junction- to-Lead
Thermal Resistance.Junction- to-Ambient
RthJA


Similar Part No. - AO6800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO6800 ETC-AO6800 Datasheet
296Kb / 6P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO6800 AOSMD-AO6800 Datasheet
234Kb / 5P
   30V Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO6800 VBSEMI-AO6800 Datasheet
1Mb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO6800 UMW-AO6800 Datasheet
583Kb / 8P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6800-HF KEXIN-AO6800-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
More results

Similar Description - AO6800

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com