Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6604 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO6604
Description  Complementary Trench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO6604 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  AO6604 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO6604 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO6604 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO6604 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd AO6604 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd AO6604 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd AO6604 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Complementary Trench MOSFET
AO6604 (KO6604)
N-Channel Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
20
V
VDS=20V, VGS=0V
1
VDS=20V, VGS=0V, TJ=55℃
5
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±8V
±
100 nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
0.4
0.7
1
V
VGS=4.5V, ID=3.4A
51
65
VGS=4.5V, ID=3.4A TJ=125℃
68
85
VGS=2.5V, ID=3A
58
75
VGS=1.8V, ID=2A
68
100
On State Drain Current
ID(ON)
VGS=4.5V, VDS=5V
13
A
Forward Transconductance
gFS
VDS=5V, ID=3.4A
16
S
Input Capacitance
Ciss
205 260
320
Output Capacitance
Coss
33
48
63
Reverse Transfer Capacitance
Crss
16
27
38
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
1.5
3
4.5
Ω
Total Gate Charge (4.5V)
Qg
2.9
3.8
Gate Source Charge
Qgs
0.4
Gate Drain Charge
Qgd
0.6
Turn-On DelayTime
td(on)
2.5
Turn-On Rise Time
tr
3.2
Turn-Off DelayTime
td(off)
21
Turn-Off Fall Time
tf
3
Body Diode Reverse Recovery Time
trr
14
19
Body Diode Reverse Recovery Charge
Qrr
3.8
nC
Maximum Body-Diode Continuous Current
IS
1.5
A
Diode Forward Voltage
VSD
IS=1A,VGS=0V
0.7
1
V
IF= 3.4A, dI/dt= 100A/μs
VGS=0V, VDS=10V, f=1MHz
VGS=5V, VDS=10V, RL=2.95Ω,RG=3Ω
μ
A
pF
nC
ns
VGS=4.5V, VDS=10V, ID=3.4A
Zero Gate Voltage Drain Current
IDSS
Static Drain-Source On-Resistance
RDS(On)


Similar Part No. - AO6604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO6604 AOSMD-AO6604 Datasheet
773Kb / 9P
   20V Complementary MOSFET
logo
VBsemi Electronics Co.,...
AO6604 VBSEMI-AO6604 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO6604 UMW-AO6604 Datasheet
825Kb / 11P
   N P Channel MOSFET
logo
Guangdong Kexin Industr...
AO6604-HF KEXIN-AO6604-HF Datasheet
4Mb / 7P
   Complementary Trench MOSFET
More results

Similar Description - AO6604

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
   Complementary Trench MOSFET
AO4613 KEXIN-AO4613 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO4618 KEXIN-AO4618 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO6601 KEXIN-AO6601 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO6602 KEXIN-AO6602 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4616-HF KEXIN-AO4616-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com