Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6124IR Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6124IR
Description  Single Supply Integrated Current Limiting Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6124IR Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6124IR Datasheet HTML 4Page - Intersil Corporation ISL6124IR Datasheet HTML 5Page - Intersil Corporation ISL6124IR Datasheet HTML 6Page - Intersil Corporation ISL6124IR Datasheet HTML 7Page - Intersil Corporation ISL6124IR Datasheet HTML 8Page - Intersil Corporation ISL6124IR Datasheet HTML 9Page - Intersil Corporation ISL6124IR Datasheet HTML 10Page - Intersil Corporation ISL6124IR Datasheet HTML 11Page - Intersil Corporation ISL6124IR Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN9005.4
June 10, 2005
Using the ISL612XSEQEVAL1 Platform
The ISL612XSEQEVAL1 platform is the primary evaluation
board for this family. The board has 2 complete, separate
and electrically identical circuits, see Figure 15 for schematic
and Figure 16 for a photo.
In the top right hand corner of the board is a SMD layout with
a ISL6123 illustrating the full functionality and small
implementation size for an application having the highest
component count.
The majority of the board is given over to a socket and
discrete through-hole components circuit for ease of
evaluation flexibility through IC variant swapping and
modification of UVLO levels and sequencing order by
passive component substitution.
The board is shipped with the ISL6123 installed in both
locations and with two each of the other released variant
types loose packed. As this sequencer family has a common
function pinout there are no major modifications to the board
necessary to evaluate the other ICs. The ISL6125 due to its
having open drain outputs can be evaluated on the
ISL612XSEQEVAL1 with a minor modification or on the
ISL613XSUPEREVAL2 evaluation platform. To modify for
ISL6125 evaluation, pull-up resistors must be added from
the GATE outputs to a pull-up voltage of 1.5V to prevent FET
turn-on or remove FETs to eliminate this voltage restriction.
To the left, right and above the socket are four test point
strips (TP1-TP4). These give access to the labeled IC I/O
pins during evaluation. Remember that significant current or
capacitive loading of particular I/O pins will affect
functionality and performance.
Attention to orientation and placement of variant ICs in the
socket must be paid to prevent IC damage or faulty
evaluation.
The default configuration of the ISL612XSEQEVAL1
circuitries was built around the following design
assumptions:
Typical Performance Curves
FIGURE 4. UVLO THRESHOLD VOLTAGE
FIGURE 5. DLY CHARGE CURRENT
FIGURE 6. SYSRST# LOW TO OUTPUT LATCH OFF
634
633
632
631
628
626
TEMPERATURE (°C)
627
-40
0
20
60
-20
40
80
100
630
629
VDD = 5V
VDD = 1.5V
-40
0
20
60
-20
40
80
100
TEMPERATURE (
°C)
1.03
1.02
0.97
0.98
0.99
1.00
1.01
1.04
DLY_OFF/ON
VDD = +5V
VDD = 1.5V
1
µs/DIV
5VOUT
GATE
SYSRST#
2V/DIV
3.3VOUT
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128


Similar Part No. - ISL6124IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6124IR INTERSIL-ISL6124IR Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6124IR INTERSIL-ISL6124IR Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6124IRZA INTERSIL-ISL6124IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6124IRZA INTERSIL-ISL6124IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6124IRZA RENESAS-ISL6124IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6124IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIB INTERSIL-ISL6121HIB Datasheet
419Kb / 11P
   Single Supply Integrated Current Limiting Controller
November 12, 2004
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com