Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB647A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB647A
Description  PNP Plastic Encapsulated Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB647A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB647A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB647A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SB647A_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SB647A
-1A , -120V
PNP Plastic Encapsulated Transistor
16-Sep-2013 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power Amplifier Applications .
Low Frequency Power Amplifier
CLASSIFICATION OF hFE
Product-Rank
2SB647A-B
2SB647A-C
Range
60~120
100~200
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-120
V
Collector to Emitter Voltage
VCEO
-100
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-1
A
Collector Power Dissipation
PC
0.9
W
Thermal Resistance, Junction To Ambient
RθJA
139
°C/W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-120
-
-
V
IC= -10μA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-100
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -10μA, IC=0
Collector Cut-Off Current
ICBO
-
-
-10
μA
VCB= -100V, IE=0
60
-
200
VCE= -5V, IC= -150mA
DC Current Gain
hFE
30
-
-
VCE= -5V, IC= -500mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-1
V
IC= -500mA, IB= -50mA
Base to Emitter Saturation Voltage
VBE
-
-
-1.5
V
VCE= -5V, IC= -150mA
Transition Frequency
fT
-
140
-
MHz
VCE= -5V, IC= -150mA
Collector Output Capacitance
Cob
-
20
-
pF
VCB= -10V, IE=0, f=1MHz
TO-92MOD
Emitter
Collector
Base
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.50
6.50
H
1.70
2.05
B
8.00
9.00
J
2.70
3.20
C
12.70
14.50
K
0.85
1.15
D
4.50
5.30
L
1.60 Max
E
0.35
0.65
M
0.00
0.40
F
0.30
0.51
N
4.00 Min
G1.50 TYP.
A
C
E
K
F
D
B
G
H
J
L
M
N


Similar Part No. - 2SB647A_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB647A-B MCC-2SB647A-B Datasheet
819Kb / 4P
   PNP Silicon Plastic-Encapsulate Transistor
2SB647A-C MCC-2SB647A-C Datasheet
819Kb / 4P
   PNP Silicon Plastic-Encapsulate Transistor
logo
Nanjing International G...
2SB647A-TA DGNJDZ-2SB647A-TA Datasheet
970Kb / 5P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Renesas Technology Corp
2SB647ABTZ-E RENESAS-2SB647ABTZ-E Datasheet
170Kb / 6P
   Silicon PNP Epitaxial
2SB647ACTZ-E RENESAS-2SB647ACTZ-E Datasheet
170Kb / 6P
   Silicon PNP Epitaxial
More results

Similar Description - 2SB647A_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com