Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6132IR-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6132IR-T
Description  Multiple Voltage Supervisory ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6132IR-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6132IR-T Datasheet HTML 1Page - Intersil Corporation ISL6132IR-T Datasheet HTML 2Page - Intersil Corporation ISL6132IR-T Datasheet HTML 3Page - Intersil Corporation ISL6132IR-T Datasheet HTML 4Page - Intersil Corporation ISL6132IR-T Datasheet HTML 5Page - Intersil Corporation ISL6132IR-T Datasheet HTML 6Page - Intersil Corporation ISL6132IR-T Datasheet HTML 7Page - Intersil Corporation ISL6132IR-T Datasheet HTML 8Page - Intersil Corporation ISL6132IR-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN9119.3
July 22, 2005
Pinout
ISL6131, ISL6132 (24 LD QFN)
TOP VIEW
1
2
3
4
5
6
18
17
16
15
14
13
24
23
22
21
20
19
78
9
10
11
12
Pin Descriptions
PIN
PIN NAME
FUNCTION DESCRIPTION
6131 6132
23
23
VDD
Bias IC from nominal 1.5V to 5V
10
10
GND
IC ground
20
NA
VMON_A
On the ISL6131 these inputs provide for a programmable UV threshold referenced to an internal 0.633V. The
related STATUS output will assert once the related input > internal reference voltage.
On the ISL6132, these inputs provide for a programmable UV and OV threshold referenced to an internal 0.633V
reference. In the ‘AB’ pair VMON_A is the UV input and VMON_B is the OV input. In the ‘CD’ pair VMON_C is
the UV input and VMON_D is the OV input.
These inputs have a 30
µs glitch filter to prevent PGOOD reset due to a transient.
12
NA
VMON_B
17
NA
VMON_C
14
NA
VMON_D
NA
12
OVMON_1
NA
20
UVMON_1
NA
17
UVMON_2
NA
14
OVMON_2
24
24
PGOOD
On the ISL6131, PGOOD is the boolean AND function of all four STATUS outputs.
On the ISL6132, PGOOD is for the AB pair and signals high when the monitored voltage is within the specified
window and the A and B STATUS output states are correct.
This is an open drain output and is to be pulled high to the appropriate level with an external resistor to a VDD
maximum level.
NA
9
PGOOD2
PGOOD2 is for the CD pair and signals high when the monitored voltage is within the specified window and when
the C and D STATUS output states are correct.
This is an open drain output and is to be pulled high to the appropriate level with an external resistor to a VDD
maximum level.
2NA
STATUS_A
On the ISL6131 each STATUS provides a high signal through pull-up resistors about 160ms after its related
VMON has continuously been > Vuv_vth. This delay is for stabilization of monitored voltages. STATUS will de-
assert and pull low upon VMON not being satisfied for about 30
µs.
On the ISL6132 the STATUS outputs indicate compliance with a high output state for each pair of monitors.
5NA
STATUS_B
6NA
STATUS_C
7NA
STATUS_D
NA
5
OVSTATUS_1
NA
2
UVSTATUS_1
NA
6
UVSTATUS_2
NA
7
OVSTATUS_2
11
EN1
On ISL6131 provides 4 voltage UV function enabling/disabling input. Internally pulled up to VDD.
Controls monitor 1 (AB pair) on ISL6132.
NA
11
EN2
On ISL6132, controls monitor 2 (CD pair) voltage, voltage monitoring function enabling input, pulled up to VDD.
NC
3, 4, 8, 13, 15, 16, 18,
19, 21, 22
No Connect
ISL6131, ISL6132


Similar Part No. - ISL6132IR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6132IRZA INTERSIL-ISL6132IRZA Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Renesas Technology Corp
ISL6132IRZA RENESAS-ISL6132IRZA Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
More results

Similar Description - ISL6132IR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com