Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6160 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6160
Description  InfiniBand 12V Bulk and 5V Auxiliary Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6160 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6160 Datasheet HTML 1Page - Intersil Corporation ISL6160 Datasheet HTML 2Page - Intersil Corporation ISL6160 Datasheet HTML 3Page - Intersil Corporation ISL6160 Datasheet HTML 4Page - Intersil Corporation ISL6160 Datasheet HTML 5Page - Intersil Corporation ISL6160 Datasheet HTML 6Page - Intersil Corporation ISL6160 Datasheet HTML 7Page - Intersil Corporation ISL6160 Datasheet HTML 8Page - Intersil Corporation ISL6160 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Pin Descriptions
PIN NO.
DESIGNATOR
FUNCTION
DESCRIPTION
1
ISET
Current Set
Connect to the low side of the current sense resistor through the current limiting set resistor.
This pin functions as the current regulation level voltage programming pin.
CR Vth = RISET X 20µA
2
ISEN
Current Sense
Connect to the more positive end of sense resistor to measure the voltage drop across this
resistor.
3
GATE
External FET Gate
Drive Pin
Connect to the gate of the external N-Channel MOSFET. A capacitor from this node to
ground sets the turn-on ramp. At turn-on this capacitor will be charged to VB +5V by a 10
µA
current source.
4
VB_Ret
VB Chip Return
Bulk voltage ground
5
VA_Ret
VA Chip Return
Auxiliary voltage ground
6
VA_IN
VA Bias, Controlled
Supply Input,
Undervoltage Lock-Out
VA_IN provides the chip with +5V bias voltage. At VA < 2.5V, VA control functionality is
disabled, FAULT latch is cleared and floating and VA_OUT is held low.
7
VA_ENn
VA enable / disable
Connected to VA_Ret through the IB connector, VA is asserted on module when VA_ENn
is low. Cycle to reset after latch-off. POR also resets latch.
8NC
NC
9
VA_OUT
Controlled Supply
Output
Upon an OC condition VA_OUT is current limited to 1A. Current limit response time is within
200
µs. VA_Out will remain in current limit for ~10mS before being latched off.
10
VA_ FLTn
Over Current Fault
Indicator
Over current fault indicator. VA_FLTn floats and is disabled until VA >2.5V. This output is
pulled low after the OC time-out period has expired and stays latched until module is
removed.
11
VB_IN
VB / Chip Supply
+12V Chip Supply.
12
CTIM
VB Current Regulation
Period
Connect a capacitor from this pin to ground. This capacitor determines the time delay
between an overcurrent event and chip output shutdown (current limit time-out). The
duration of current limit time-out (in seconds) = 93k
Ω x CTIM (Farads).
13
DC-DC
ENABLE
VB_In Power Good
and DC-DC Enable
Signal
Indicates that the VB voltage on ISEN pin is within specification and enables the DC-DC
converter. DC-DC ENABLE is driven by an open drain N-Channel MOSFET and is pulled
low when VB Secondary rail (VISEN) is not within specification.
14
VB_ON
VB Sequencer Enable
Control Signal
VB_ON is used to control and reset the VB supply to IB module. VB is asserted on, when
VB_ON pin is driven high or is open. After a latch-off VB is reset by a low level signal applied
to this pin. This input has 20
µA pull-up capability.
ISL6160


Similar Part No. - ISL6160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6160 RENESAS-ISL6160 Datasheet
569Kb / 11P
   InfiniBand 12V Bulk and 5V Auxiliary Power Controller
ISL6160CB RENESAS-ISL6160CB Datasheet
569Kb / 11P
   InfiniBand 12V Bulk and 5V Auxiliary Power Controller
ISL6160CBZA RENESAS-ISL6160CBZA Datasheet
569Kb / 11P
   InfiniBand 12V Bulk and 5V Auxiliary Power Controller
ISL6160EVAL2 RENESAS-ISL6160EVAL2 Datasheet
569Kb / 11P
   InfiniBand 12V Bulk and 5V Auxiliary Power Controller
More results

Similar Description - ISL6160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6160 RENESAS-ISL6160 Datasheet
569Kb / 11P
   InfiniBand 12V Bulk and 5V Auxiliary Power Controller
logo
Maxim Integrated Produc...
MAX8533 MAXIM-MAX8533 Datasheet
240Kb / 10P
   Smallest, Most Reliable, 12V, Infiniband- Compliant Hot-Swap Controller
Rev 0; 4/03
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
   Synchronous CPU Buck Controller for 12V and 5V Applications
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com