Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA23021X Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RAA23021X
Description  5.5V Input, 3A, Step-Down DC/DC Converter LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA23021X Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RAA23021X_15 Datasheet HTML 2Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 3Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 4Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 5Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 6Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 7Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 8Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 9Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
RAA23021x
R18DS0013EJ0102 Rev.1.02
Page 6 of 34
Jul 23. 2014
Absolute Maximum Ratings
(Unless otherwise specified, TA = 25°C)
Parameter
Symbol
Ratings
Unit
Condition
Analog power supply (AVDD pin)
AVDD
–0.5 to +6.5
V
AVDD
VPIN pin applied voltage
VPIN
–0.5 to +6.5
V
VPIN11, VPIN12, VPIN2
SHDNB pin applied voltage
VSHDNB
–0.5 to +6.5
V
SHDNB1, SHDNB2
DSTB pin applied voltage
VDSTB
–0.5 to +6.5
V
DSTB
PG pin applied voltage
VPG
–0.5 to +6.5
V
PG
II pin applied voltage
VII
–0.5 to +6.5
V
II1, II2
VPIN11+VPIN12 pin sink current (peak)
IPIN1(peak)–
3500
mA
VPIN11+VPIN12
LOUT11+LOUT12 pin output source
current (peak)
ILO1(peak)+
3500
mA
LOUT11, LOUT12
VPIN2 pin sink current (DC)
IPIN2(DC)–
500
mA
VPIN2
OUT2 pin output source current (DC)
IO2(DC)+
500
mA
OUT2
LOUT11+LOUT12, OUT2 pin output
source current (DC)
ILO1,O2(DC)–
100
mA
when discharge circuit is
operation.
Total power dissipation
PT
3400*
1
mW
TA ≤ +25°C
Operating ambient temperature
TA
–40 to +85
°C
Junction temperature
TJ
–40 to +150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
*1
This is the value at TA ≤ +25°C. At TA > +25°C, the total power dissipation is derated by 34mW/°C.
Board specification : 4-layers glass epoxy board, 76.2mm x 114.3mm x 1.664mm.
Copper coverage area: 50%, 0.070mm thickness (top and bottom layers)
95%, 0.035mm thickness ( layers 2 and 3).
Connecting exposed pad
Caution: Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering
physical damage, and therefore the product must be used under conditions that ensure that the absolute
maximum ratings are not exceeded.
Recommended Operating Condition
(Unless otherwise specified, TA = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Analog power supply voltage
(AVDD pin)
AVDD
3.0
5.0
5.5
V
AVDD
VPIN pin applied voltage
VPIN
AVDD
V
VPIN11, VPIN12, VPIN2
SHDNB pin applied voltage
VSHDNB
0
AVDD
V
SHDNB1, SHDNB2
DSTB pin applied voltage
VDSTB
0
AVDD
V
DSTB
PG pin applied voltage
VPG
0
AVDD
V
PG
II pin applied voltage
VII
0
AVDD
V
II1, II2
VREG pin capacitance
CREG
1.0
μF
VREG
Operating junction temperature
TJO
–40
+125
°C


Similar Part No. - RAA23021X_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
More results

Similar Description - RAA23021X_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
   18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Analog Intergrations Co...
AIC2565 AIC-AIC2565 Datasheet
399Kb / 13P
   23V 3A Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com