Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6151 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6151
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6151 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6151 Datasheet HTML 1Page - Intersil Corporation ISL6151 Datasheet HTML 2Page - Intersil Corporation ISL6151 Datasheet HTML 3Page - Intersil Corporation ISL6151 Datasheet HTML 4Page - Intersil Corporation ISL6151 Datasheet HTML 5Page - Intersil Corporation ISL6151 Datasheet HTML 6Page - Intersil Corporation ISL6151 Datasheet HTML 7Page - Intersil Corporation ISL6151 Datasheet HTML 8Page - Intersil Corporation ISL6151 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN9079.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, 2004. All Rights Reserved
Intellitrip™ is a trademark of Intersil Americas Inc.
ISL6141, ISL6151
Negative Voltage Hot Plug Controller
The ISL6141 is an 8-pin, negative voltage hot plug controller
that allows a board to be safely inserted and removed from a
live backplane. Inrush current is limited to a programmable
value by controlling the gate voltage of an external N-
channel pass transistor. The pass transistor is turned off if
the input voltage is less than the Under-Voltage threshold, or
greater than the Over-Voltage threshold. The IntelliTripTM
electronic circuit breaker and programmable current limit
features protect the system against short circuits. When the
Over-Current threshold is exceeded, the output current is
limited for 600
µs before the circuit breaker shuts down the
FET. If the fault disappears before the 600
µs time-out,
normal operation resumes. In addition, the IntelliTripTM
electronic circuit breaker has a fast Hard Fault shutdown with
a threshold set at 4 times the current limit value. When
activated, the GATE is immediately turned off and then
slowly turned back on for a single retry (soft-start). The
active low PWRGD signal can be used to directly enable a
power module (with a low enable input). The ISL6151 is the
same device but has an active high PWRGD output.
Typical Application (RL, CL are the Load)
Features
• Operates from -20V to -80V (-100V Absolute Max Rating)
• Programmable Inrush Current
• Programmable Over-Voltage Protection
• Programmable Under-Voltage Protection
- 135mV of hysteresis
- Equals ~4.6V of hysteresis at the power supply
• UVLO (Under-Voltage Lock-Out) ~ 16.5V
• Programmable Current Limit with 600
µs time-out
• IntelliTripTM electronic circuit breaker distinguishes
between Over-Current and Hard Fault conditions
- Fast shutdown for Hard Faults with a single retry (fault
current > 4X current limit value).
• Pin Compatible with ISL6140/50.
• Power Good Control Output
- Monitors both the DRAIN (voltage drop across the FET)
and the GATE voltage; once both are OK, the Power
Good output is latched in the active state.
- PWRGD active high: ISL6151 (H version)
-PWRGD active low: ISL6141 (L version)
• Pb-free available
Applications
• VoIP (Voice over Internet Protocol) Servers
• Telecom systems at -48V
• Negative Power Supply Control
• +24V Wireless Base Station Power
Related Literature
• ISL6140/41 EVAL1 Board Set, Document # AN9967
• ISL6142/52 EVAL1 Board Set, Document # AN1000
• ISL6140/50 Hot Plug Controller, Document # FN9039
• ISL6116 Hot Plug Controller, Document # FN4778
NOTE: See www.intersil.com/hotplug for more information.
Pinout
ISL6141 OR ISL6151 (8 LEAD SOIC)
ISL6141 has active low (L version) PWRGD output pin
ISL6151 has active high (H version) PWRGD output pin
R1 = 0.02
Ω (1%)
R2 = 10
Ω (5%)
R3 = 18k
Ω (5%)
R4 = 549k
Ω (1%)
R5 = 6.49k
Ω (1%)
R6 = 10k
Ω (1%)
C1 = 150nF (25V)
C2 = 3.3nF (100V)
Q1 = IRF530 (100V, 17A, 0.11
Ω)
CL = 100
µF (100V)
RL = equivalent load
ISL6141
VDD
UV
OV
VEE
SENSE
GATE
DRAIN
PWRGD
R4
R5
R6
R1
R2
R3
C2
C1
Q1
CL
GND
GND
-48V IN
-48V OUT
RL
(LOAD)
OV
VEE
5
7
6
4
3
2
GATE
DRAIN
UV
SENSE
PWRGD/PWRGD 1
VDD
8
TOP VIEW
Data Sheet
July 2004


Similar Part No. - ISL6151

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6151 INTERSIL-ISL6151 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL6151 RENESAS-ISL6151 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6151 INTERSIL-ISL6151 Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
ISL6151CB INTERSIL-ISL6151CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
ISL6151CBZA INTERSIL-ISL6151CBZA Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
More results

Similar Description - ISL6151

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com