Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QNA4418RBG-30IB0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R1QNA4418RBG-30IB0
Description  144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QNA4418RBG-30IB0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1QNA4418RBG-30IB0 Datasheet HTML 2Page - Renesas Technology Corp R1QNA4418RBG-30IB0 Datasheet HTML 3Page - Renesas Technology Corp R1QNA4418RBG-30IB0 Datasheet HTML 4Page - Renesas Technology Corp R1QNA4418RBG-30IB0 Datasheet HTML 5Page - Renesas Technology Corp R1QNA4418RBG-30IB0 Datasheet HTML 6Page - Renesas Technology Corp R1QNA4418RBG-30IB0 Datasheet HTML 7Page - Renesas Technology Corp R1QNA4418RBG-30IB0 Datasheet HTML 8Page - Renesas Technology Corp R1QNA4418RBG-30IB0 Datasheet HTML 9Page - Renesas Technology Corp R1QNA4418RBG-30IB0 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
R1QNA4436RBG,R1QNA4418RBG
Datasheet
R10DS0148EJ0200 Rev.2.00
Page 6 of 29
Aug 01, 2014
Pin Descriptions
Name
I/O type
Descriptions
Note
SA
Input
Synchronous address inputs: These inputs are registered and must meet the setup
and hold times around the rising edge of K (read address) and /K (write address).
These inputs are ignored when device is deselected.
/R
Input
Synchronous read: When low, this input causes the address inputs to be registered
and a READ cycle to be initiated. This input must meet setup and hold times around
the rising edge of K.
/W
Input
Synchronous write: When low, this input causes the address inputs to be registered
and a WRITE cycle to be initiated. This input must meet setup and hold times around
the rising edge of K.
/BWx
Input
Synchronous byte writes: When low, these inputs cause their respective byte to be
registered and written during WRITE cycles. These signals are sampled on the same
edge as the corresponding data and must meet setup and hold times around the
rising edges of K and /K for each of the two rising edges comprising the WRITE cycle.
See Byte Write Truth Table for signal to data relationship.
K, /K
Input
Input clock: This input clock pair registers address and control inputs on the rising
edge of K, and registers data on the rising edge of K and the rising edge of /K. /K is
ideally 180 degrees out of phase with K. All synchronous inputs must meet setup and
hold times around the clock rising edges. These balls cannot remain VREF level.
/DOFF
Input
PLL disable: When low, this input causes the PLL to be bypassed for stable, low
frequency operation.
TMS
TDI
Input
IEEE1149.1 test inputs: 1.8 V I/O levels. These balls may be left unconnected if the
JTAG function is not used in the circuit.
TCK
Input
IEEE1149.1 clock input: 1.8 V I/O levels. This ball must be tied to VSS if the JTAG
function is not used in the circuit.
ZQ
Input
Output impedance matching input: This input is used to tune the device outputs to
the system data bus impedance. Q and CQ output impedance are set to 0.2
× RQ,
where RQ is a resistor from this ball to ground. This ball can be connected directly to
VDDQ, which enables the minimum impedance mode. This ball cannot be connected
directly to VSS or left unconnected.


Similar Part No. - R1QNA4418RBG-30IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QNA4418RBG RENESAS-R1QNA4418RBG Datasheet
503Kb / 37P
   144-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QNA4418RBG-30IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QGA4436RBG RENESAS-R1QGA4436RBG_15 Datasheet
930Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
R1QPA4436RBG RENESAS-R1QPA4436RBG_15 Datasheet
936Kb / 31P
   144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QAA4436RBG RENESAS-R1QAA4436RBG_15 Datasheet
931Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
R1QKA4436RBG RENESAS-R1QKA4436RBG_15 Datasheet
967Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture(2.0 Cycle Read latency) with ODT
R1QBA4436RBG RENESAS-R1QBA4436RBG_15 Datasheet
917Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
R1QLA4436RBG RENESAS-R1QLA4436RBG_15 Datasheet
955Kb / 31P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QDA4436RBG RENESAS-R1QDA4436RBG_15 Datasheet
999Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C1141V18 CYPRESS-CY7C1141V18 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com