Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QNA4418RBG-33IA0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1QNA4418RBG-33IA0
Description  144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QNA4418RBG-33IA0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1QNA4418RBG-33IA0 Datasheet HTML 1Page - Renesas Technology Corp R1QNA4418RBG-33IA0 Datasheet HTML 2Page - Renesas Technology Corp R1QNA4418RBG-33IA0 Datasheet HTML 3Page - Renesas Technology Corp R1QNA4418RBG-33IA0 Datasheet HTML 4Page - Renesas Technology Corp R1QNA4418RBG-33IA0 Datasheet HTML 5Page - Renesas Technology Corp R1QNA4418RBG-33IA0 Datasheet HTML 6Page - Renesas Technology Corp R1QNA4418RBG-33IA0 Datasheet HTML 7Page - Renesas Technology Corp R1QNA4418RBG-33IA0 Datasheet HTML 8Page - Renesas Technology Corp R1QNA4418RBG-33IA0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
R1QNA4436RBG,R1QNA4418RBG
Datasheet
R10DS0148EJ0200 Rev.2.00
Page 3 of 29
Aug 01, 2014
Part Number Information
Ordering part number
Organization
(word x bit)
Cycle time
Clock
frequency
Operating
Ambient
Temperature
Core
Supply
Voltage
(V)
Package
R1QNA4436RBG-30IA0
4M x 36
3.00ns
333MHz
TA = −40 to 85°C
1.8
± 0.1
165-pin
R1QNA4436RBG-33IA0
3.30ns
300MHz
PLASTIC
R1QNA4418RBG-30IA0
8M x 18
3.00ns
333MHz
BGA (15 x 17)
R1QNA4418RBG-33IA0
3.30ns
300MHz
Pb
R1QNA4436RBG-30IB0
4M x 36
3.00ns
333MHz
TA = −40 to 85°C
1.8
± 0.1
165-pin
R1QNA4436RBG-33IB0
3.30ns
300MHz
PLASTIC
R1QNA4418RBG-30IB0
8M x 18
3.00ns
333MHz
BGA (15 x 17)
R1QNA4418RBG-33IB0
3.30ns
300MHz
Pb-free


Similar Part No. - R1QNA4418RBG-33IA0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QNA4418RBG RENESAS-R1QNA4418RBG Datasheet
503Kb / 37P
   144-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QNA4418RBG-33IA0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QGA4436RBG RENESAS-R1QGA4436RBG_15 Datasheet
930Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
R1QPA4436RBG RENESAS-R1QPA4436RBG_15 Datasheet
936Kb / 31P
   144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QAA4436RBG RENESAS-R1QAA4436RBG_15 Datasheet
931Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
R1QKA4436RBG RENESAS-R1QKA4436RBG_15 Datasheet
967Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture(2.0 Cycle Read latency) with ODT
R1QBA4436RBG RENESAS-R1QBA4436RBG_15 Datasheet
917Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
R1QLA4436RBG RENESAS-R1QLA4436RBG_15 Datasheet
955Kb / 31P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QDA4436RBG RENESAS-R1QDA4436RBG_15 Datasheet
999Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C1141V18 CYPRESS-CY7C1141V18 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com