Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6121LIB Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6121LIB
Description  Single Supply Integrated Current Limiting Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6121LIB Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6121LIB Datasheet HTML 1Page - Intersil Corporation ISL6121LIB Datasheet HTML 2Page - Intersil Corporation ISL6121LIB Datasheet HTML 3Page - Intersil Corporation ISL6121LIB Datasheet HTML 4Page - Intersil Corporation ISL6121LIB Datasheet HTML 5Page - Intersil Corporation ISL6121LIB Datasheet HTML 6Page - Intersil Corporation ISL6121LIB Datasheet HTML 7Page - Intersil Corporation ISL6121LIB Datasheet HTML 8Page - Intersil Corporation ISL6121LIB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN9005.4
June 10, 2005
ISL6123, 24, 25, 26, 27, 28 Descriptions
and Operation
The ISL612X sequencer family consists of several four
channel voltage sequencing controllers in various
functional and personality configurations. All are designed
for use in multiple-voltage systems requiring power
sequencing of various supply voltages. Individual voltage
rails are gated on and off by external N-Channel MOSFETs,
the gates of which are driven by an internal charge pump to
VDD +5.3V (VQP) in a user programmed sequence.
With the four-channel ISL6123 the ENABLE must be
asserted high and all four voltages to be sequenced must
be above their respective user programmed Under Voltage
Lock Out (UVLO) levels before programmed output turn on
sequencing can begin. Sequencing and delay
determination is accomplished by the choice of external
cap values on the DLY_ON and DLY_OFF pins. Once all 4
UVLO inputs and ENABLE are satisfied for 10ms, the four
DLY_ON caps are simultaneously charged with 1
µA current
sources to the DLY_Vth level of 1.27V. As each DLY_ON
pin reaches the DLY_Vth level its associated GATE will
then turn-on with a 1
µA source current to the VQP voltage
of VDD+5.3V. Thus all four GATEs will sequentially turn on.
Once at DLY_Vth the DLY_ON pins will discharge to be
ready when next needed. After the entire turn on sequence
has been completed and all GATEs have reached the
charge pumped voltage (VQP), a 160ms delay is started to
ensure stability after which the RESET# output will be
released to go high. Subsequent to turn-on, if any input
falls below its UVLO point for longer than the glitch filter
period (~30
µs) this is considered a fault. RESET# and
SYSRST# are pulled low and all GATEs are simultaneously
also pulled low. In this mode the GATEs are pulled low with
88mA. Normal shutdown mode is entered when no UVLO
is violated and the ENABLE is deasserted. When ENABLE
is deasserted, RESET# is asserted and pulled low. Next, all
four shutdown ramp caps on the DLY_OFF pins are
charged with a 1
µA source and when any ramp-cap
reaches DLY_Vth, a latch is set and a current is sunk on
the respective GATE pin to turn off its external MOSFET.
When the GATE voltage is approximately 0.6V, the GATE is
pulled down the rest of the way at a higher current level.
Each individual external FET is thus turned off removing
the voltages from the load in the programmed sequence.
The ISL6123 and ISL6124 have the same functionality
except for the ENABLE active polarity with the ISL6124
having an ENABLE# input. Additionally the ISL6123 also
has an ultra low power sleep state when ENABLE is low.
The ISL6125 has the same personality as the ISL6124 but
instead of charged pump driven GATE outputs it has open
drain LOGIC outputs that can be pulled up to a maximum of
VDD.
The ISL6126 is unique in that it’s sequence on is not time
determined but voltage determined. It’s personality is that each
of the four channels operates independently so that once the IC
is biased and any one of the UVLO inputs is greater than the
0.63V internal reference, and ENABLE# input is also satisfied
the GATE for the associated UVLO input will turn-on. In turn the
other UVLO inputs need to be satisfied for the associated
GATEs to turn-on. 150ms after all GATEs are fully on (GATE
voltage = VQP) the RESET# is released to go high. The UVLO
inputs can be driven by either a previously turned on output rail
offering a voltage determined sequence or by logic signal
inputs. Any subsequent UVLO level < its programmed level will
pull the RESET# output low (if previously released), but will not
latch-off the other outputs. Predetermined turn-off is
accomplished by signaling ENABLE# high, this will cause
RESET# to latch low and all four GATE outputs to follow the
programmed turn off sequence similar to a ISL6124.
The ISL6127 is a four channel sequencer pre-programmed for
A-B-C-D turn-on and D-C-B-A turn-off. After all four UVLO and
ENABLE# inputs are satisfied for ~10ms, the sequencing starts
and the next GATE in the sequence starts to ramp up once the
GATE Current Range
IGATE_range
Within IC IGATE max-min
-
-
0.35
µA
GATE Turn-On/Off Current Temp. Coeff.
TC_IGATE
-0.2
-
nA/°C
GATE Pull-Down High Current
IGATEoff_h
GATE = VDD, UVLO = 0V
-
88
-
mA
GATE High Voltage
VGATEh
Gate High Voltage
VDD+5V
VDD+5.3V
-
V
GATE Low Voltage
VGATE_
Gate Low Voltage, VDD = 1V
-
0
0.1
V
BIAS
IC Supply Current
IVDD_5V
VDD = 5V
-
0.20
0.5
mA
IC Supply Current
IVDD_3.3V
VDD = 3.3V
-
0.14
-
mA
IC Supply Current
IVDD_1.5V
VDD = 1.5V
-
0.10
-
mA
ISL6123 Stand By IC Supply Current
IVDD_sb
VDD = 5V, ENABLE = 0V
-
-
1
µA
VDD Power On Reset
VDD_POR
-
-
1
V
Electrical Specifications
VDD = 1.5V to +5V, TA = TJ = -40°C - 85°C, Unless Otherwise Specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128


Similar Part No. - ISL6121LIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6121LIB INTERSIL-ISL6121LIB Datasheet
419Kb / 11P
   Single Supply Integrated Current Limiting Controller
November 12, 2004
logo
Renesas Technology Corp
ISL6121LIB RENESAS-ISL6121LIB Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121LIB-T INTERSIL-ISL6121LIB-T Datasheet
419Kb / 11P
   Single Supply Integrated Current Limiting Controller
November 12, 2004
logo
Renesas Technology Corp
ISL6121LIB-T RENESAS-ISL6121LIB-T Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121LIBZA INTERSIL-ISL6121LIBZA Datasheet
419Kb / 11P
   Single Supply Integrated Current Limiting Controller
November 12, 2004
More results

Similar Description - ISL6121LIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIB INTERSIL-ISL6121HIB Datasheet
419Kb / 11P
   Single Supply Integrated Current Limiting Controller
November 12, 2004
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com